Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 134Page - Renesas Technology Corp M16C/26 Datasheet HTML 135Page - Renesas Technology Corp M16C/26 Datasheet HTML 136Page - Renesas Technology Corp M16C/26 Datasheet HTML 137Page - Renesas Technology Corp M16C/26 Datasheet HTML 138Page - Renesas Technology Corp M16C/26 Datasheet HTML 139Page - Renesas Technology Corp M16C/26 Datasheet HTML 140Page - Renesas Technology Corp M16C/26 Datasheet HTML 141Page - Renesas Technology Corp M16C/26 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 239 page
background image
Renesas Technology Corp.
Clock Asynchronous Serial I/O (UART) Mode
132
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Table 1.15.10 lists the functions of the input/output pins during UART mode. Note that for a period
from when the UARTi operation mode is selected to when transfer starts, the TxDi pin outputs an “H”.
(If the N-channel open-drain is selected, this pin is in floating state.)
Table 1.15.10. Input/output pin functions in UART mode
Pin name
Function
Method of selection
TxDi
(P63, P67, P70)
Serial data output
Serial data input
Programmable I/O port
Transfer clock input
Programmable I/O port
RxDi
(P62, P66, P71)
CLKi
(P61, P65, P72)
Internal/external clock select bit (bit 3 of address 03A016, 03A816, 037816) = 0
Internal/external clock select bit (bit 3 at address 03A016, 03A816, 037816) = 1
Port P61, P65 and P72 direction register (bits 1 and 5 of address 03EE16) = 0
(Do not use external for UART2)
Port P62, P66 and P71 direction register (bits 2 and 6 of address 03EE16,
bit 1 of address 03EF16)= 0
(Can be used as an input port when performing transmission only)
CTS/RTS disable bit (bit 4 of address 03A416, 03AC16, 037C16) = 0
CTS/RTS function select bit (bit 2 of address 03A416, 03AC16, 037C16) = 0
Port P60, P64 and P73 direction register (bits 0 and 4 of address 03EE16,
bit 3 at address 03EF16) = 0
CTS/RTS disable bit (bit 4 of address 03A416, 03AC16, 037C16) = 0
CTS/RTS function select bit (bit 2 of address 03A416, 03AC16, 037C16) = 1
CTS/RTS disable bit (bit 4 of address 03A416, 03AC16, 037C16) = 1
CTS input
RTS output
CTSi/RTSi
(P60, P64, P73)
Table 1.15.11. P64 pin function in UART mode
Pin function
Bit set value
U1C0 register
UCON register
PD6 register
CRD
CRS
RCSP
CLKMD1
PD6_4
P64
1
0
0
Input: 0, Output: 1
CTS1
00
0
0
RTS1
10
0
CTS0 (Note)
0
0
0
00
1
0
Note: In addition to this, set the U0C0 register’s CRD bit to “0” (CTS0/RTS0
enabled) and the U0C0 register’s CRS bit to “1” (RTS0 selected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com