Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 139Page - Renesas Technology Corp M16C/26 Datasheet HTML 140Page - Renesas Technology Corp M16C/26 Datasheet HTML 141Page - Renesas Technology Corp M16C/26 Datasheet HTML 142Page - Renesas Technology Corp M16C/26 Datasheet HTML 143Page - Renesas Technology Corp M16C/26 Datasheet HTML 144Page - Renesas Technology Corp M16C/26 Datasheet HTML 145Page - Renesas Technology Corp M16C/26 Datasheet HTML 146Page - Renesas Technology Corp M16C/26 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 239 page
background image
Renesas Technology Corp.
Clock Asynchronous Serial I/O (UART) Mode
137
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Clock-Asynchronous Serial I/O Mode (used for SIM interface)
The SIM (Subscriber Identity Module) interface is used for connecting the microcomputer with a memory
card or the like; adding some extra settings in UART2 clock-asynchronous serial I/O mode allows the user
to use this function. Table 1.15.12 shows the specifications of clock-asynchronous serial I/O mode (used
for SIM interface).
Table 1.15.12. Specifications of clock-asynchronous serial I/O mode (used for SIM interface)
Note 1: ‘n’ denotes the value 0016 to FF16 that is set to the UART2 bit rate generator.
.
Note 2: If an overrun error occurs, the UART2 receive buffer will have the next data written in. In addition, the
UART2 receive interrupt request bit does not change.
.
Specification
Item
Transfer data format
Transmission/reception control
Transfer clock
Set data logic to “direct” (bit 6 of address 037D16 = “0”)
Other settings
Set data logic to “inverse” (bit 6 of address 037D16 = “1”)
Transmission start condition
Interrupt request
generation timing
Error detection
• Set transmission interrupt factor to “transmission completed” (bit 4 of
address 037D16 = “1”)
• When receiving
Set parity to “even” (bit 5, bit 6 of address 037816 = “112”)
• Transfer data 8-bit UART mode (bit 2, bit1, bit 0 of address 037816 = “1012”)
• One stop bit (bit 4 of address 037816 = “0”)
• With the direct format chosen
• Framing error (see the specifications of clock-asynchronous serial I/O)
- Transmit buffer empty flag (bit 1 of address 037D16) = “0”
Set transfer format to LSB (bit 7 of address 037C16 = “0”)
Set parity to “odd” (bit 5, bit 6 of address 037816 = “012”)
• Overrun error (see the specifications of clock-asynchronous serial I/O) (Note 2)
When data transfer from the UART2 receive register to the UART2 receive
buffer register is completed
- Detection of a start bit
• Disable the CTS and RTS function (bit 4 of address 037C16 = “1”)
Set transfer format to MSB (bit 7 of address 037C16 = “1”)
• With the internal clock chosen (bit 3 of address 037816 = “0”) : fi / 16 (n + 1)
(Note 1) : fi = f1SIO, f2SIO, f8SIO, f32SIO (Do not set external clock)
- Reception enable bit (bit 2 of address 037D16) = “1”
• To start transmission, the following requirements must be met:
Reception start condition
• UART2 does not support sleep mode function.
• To start reception, the following requirements must be met:
• When transmitting
When data transmission from the UART2 transmit register is completed
(bit 4 of address 037D16 = “1”)
- Transmit enable bit (bit 0 of address 037D16) = “1”
• With the inverse format chosen
• Parity error (see the specifications of clock-asynchronous serial I/O)
- On the reception side, an “L” level is output from the TXD2 pin by use of
the parity error signal output function (bit 7 of address 037D16 = “1”)
when a parity error is detected
- On the transmission side, a parity error is detected by the level of input to
the RXD2 pin when a transmission interrupt occurs
• The error sum flag (see the specifications of clock-asynchronous serial I/O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com