Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 187Page - Renesas Technology Corp M16C/26 Datasheet HTML 188Page - Renesas Technology Corp M16C/26 Datasheet HTML 189Page - Renesas Technology Corp M16C/26 Datasheet HTML 190Page - Renesas Technology Corp M16C/26 Datasheet HTML 191Page - Renesas Technology Corp M16C/26 Datasheet HTML 192Page - Renesas Technology Corp M16C/26 Datasheet HTML 193Page - Renesas Technology Corp M16C/26 Datasheet HTML 194Page - Renesas Technology Corp M16C/26 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 239 page
background image
Renesas Technology Corp.
Flash Memory
185
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Flash Memory
The M16C/26 (flash memory version) contains the flash memory that can be rewritten with a single voltage.
For this flash memory, three flash memory modes are available in which to read, program, and erase:
parallel I/O and standard serial I/O modes in which the flash memory can be manipulated using a program-
mer and a CPU rewrite mode in which the flash memory can be manipulated by the Central Processing Unit
(CPU). Each mode is detailed in the following sections.
The flash memory is divided into several blocks as shown in Figure 1.19.1, so that memory can be erased
one block at a time.
Figure 1.19.1. Block diagram of flash memory (64-Kbyte) version (Note 1)
Note 1: To specify a block, use the maximum address in the block
that is an even address.
Note 2: To access 2Kbyte data blocks, set PM10 to "1".
0F000016
Block B :2K bytes (Note 2)
0FFFFF16
Block 2 : 16K bytes
Block 3 : 32K bytes
User ROM area
Block 1 : 8K bytes
Block 0 : 8K bytes
0FBFFF16
0FC00016
0F7FFF16
0F800016
0FDFFF16
0FE00016
00F00016
00FFFF16
Block A :2K bytes (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com