Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 218Page - Renesas Technology Corp M16C/26 Datasheet HTML 219Page - Renesas Technology Corp M16C/26 Datasheet HTML 220Page - Renesas Technology Corp M16C/26 Datasheet HTML 221Page - Renesas Technology Corp M16C/26 Datasheet HTML 222Page - Renesas Technology Corp M16C/26 Datasheet HTML 223Page - Renesas Technology Corp M16C/26 Datasheet HTML 224Page - Renesas Technology Corp M16C/26 Datasheet HTML 225Page - Renesas Technology Corp M16C/26 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 239 page
background image
Renesas Technology Corp.
Appendix Standard Serial I/O Mode 1 (Flash Memory Version)
216
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Status Register (SRD)
The status register indicates operating status of the flash memory and status such as whether an erase
operation or a program ended successfully or in error. It can be read by writing the read status register
command (7016). Also, the status register is cleared by writing the clear status register command (5016).
Table 1.22.3 gives the definition of each status register bit. After clearing the reset, the status register
outputs “8016”.
Table 1.22.3. Status register (SRD)
Sequencer status (SR7)
After power-on, the sequencer status is set to 1(ready).
The sequencer status indicates the operating status of the device. This status bit is set to “0” (busy)
during write or erase operation and is set to 1 upon completion of these operations.
Erase Status (SR5)
The erase status reports the operating status of the auto erase operation. If an erase error occurs, it is
set to “1”. When the erase status is cleared, it is set to “0”.
Program Status (SR4)
The program status reports the operating status of the auto write operation. If a write error occurs, it is
set to “1”. When the program status is cleared, it is set to “0”.
SRD0 bits
SR7 (bit7)
SR6 (bit6)
SR5 (bit5)
SR4 (bit4)
SR3 (bit3)
SR2 (bit2)
SR1 (bit1)
SR0 (bit0)
Status name
Sequencer status
Reserved
Erase status
Program status
Reserved
Reserved
Reserved
Reserved
Definition
“1”
“0”
Ready
-
Terminated in error
Terminated in error
-
-
-
-
Busy
-
Terminated normally
Terminated normally
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com