Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 223Page - Renesas Technology Corp M16C/26 Datasheet HTML 224Page - Renesas Technology Corp M16C/26 Datasheet HTML 225Page - Renesas Technology Corp M16C/26 Datasheet HTML 226Page - Renesas Technology Corp M16C/26 Datasheet HTML 227Page - Renesas Technology Corp M16C/26 Datasheet HTML 228Page - Renesas Technology Corp M16C/26 Datasheet HTML 229Page - Renesas Technology Corp M16C/26 Datasheet HTML 230Page - Renesas Technology Corp M16C/26 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 239 page
background image
Appendix Standard Serial I/O Mode 2 (Flash Memory Version)
221
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
How frequency is identified
When “0016” data is received 16 times from a peripheral unit at a baud rate of 9,600 bps, the value of the
bit rate generator is set to match the operating frequency (2 - 20 MHz). The highest speed is taken from
the first 8 transmissions and the lowest from the last 8. These values are then used to calculate the bit
rate generator value for a baud rate of 9,600 bps.
Baud rate cannot be attained with some operating frequencies. Table 1.23.1 gives the operation fre-
quency and the baud rate that can be attained for.
Table 1.23.1 Operation frequency and the baud rate
Operation frequency
(MHZ)
Baud rate
9,600bps
Baud rate
19,200bps
Baud rate
38,400bps
Baud rate
57,600bps
16MHZ
12MHZ
11MHZ
10MHZ
8MHZ
7.3728MHZ
6MHZ
5MHZ
4.5MHZ
4.194304MHZ
4MHZ
3.58MHZ
3MHZ
2MHZ
: Communications possible
– : Communications not possible
–
–
–
–
–
–
–
20MHZ
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com