Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 102 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 98Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 99Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 100Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 101Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 102Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 103Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 104Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 105Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 159 page
background image
102
AT/T89C51CC02
4126L–CAN–01/08
Table 67. CANBT3 Register
CANBT3 (S:B6h)
CAN bit Timing Registers 3
Note:
1. The CAN controller bit timing registers must be accessed only if the CAN controller is
disabled with the ENA bit of the CANGCON register set to 0.
See Figure 41.
No default value after reset.
765
43210
-
PHS2 2
PHS2 1
PHS2 0
PHS1 2
PHS1 1
PHS1 0
SMP
Bit Number
Bit Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6 - 4
PHS2 2:0
Phase Segment 2
This phase is used to compensate for phase edge errors. This
segment can be shortened by the re-synchronization jump width.
Phasse segment 2 is the maximum of Phase segment1 and the
Information Processing Time (= 2TQ).
3 - 1
PHS1 2:0
Phase Segment 1
This phase is used to compensate for phase edge errors. This
segment can be lengthened by the re-synchronization jump width.
0SMP
Sample Type
0 - once, at the sample point.
1 - three times, the threefold sampling of the bus is the sample
point and twice over a distance of a 1/2 period of the Tscl. The
result corresponds to the majority decision of the three values.
Tphs2 = Tscl x (PHS2[2..0] + 1)
Tphs1 = Tscl x (PHS1[2..0] + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com