Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 103 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 99Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 100Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 101Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 102Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 103Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 104Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 105Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 106Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 159 page
background image
103
AT/T89C51CC02
4126L–CAN–01/08
Table 68. CANPAGE Register
CANPAGE (S:B1h) – CAN Message Object Page Register
Reset Value = xx00 0000b
Table 69. CANCONCH Register
CANCONCH (S:B3h) – CAN Message Object Control and DLC Register
No default value after reset
765
43210
-
-
CHNB 1
CHNB 0
AINC
INDX2
INDX1
INDX0
Bit Number
Bit Mnemonic
Description
7 - 6
-
Reserved
The values read from these bits are indeterminate. Do not set these
bits.
5 - 4
CHNB3:0
Selection of Message Object Number
The available numbers are: 0 to 3(See Figure 37).
3AINC
Auto Increment of the Index (Active Low)
0 - auto-increment of the index (default value).
1 - non-auto-increment of the index.
2 - 0
INDX2:0
Index
Byte location of the data field for the defined message object (See
Figure 37).
765
43210
CONCH 1
CONCH 0
RPLV
IDE
DLC 3
DLC 2
DLC 1
DLC 0
Bit Number
Bit Mnemonic
Description
7 - 6
CONCH1:0
Configuration of Message Object
CONCH1 CONCH0
0
0: disable
0
1: Launch transmission
1
0: Enable Reception
1
1: Enable Reception Buffer
NOTE: The user must re-write the configuration to enable the
corresponding bit in the CANEN1:2 registers.
5RPLV
Reply valid
Used in the automatic reply mode after receiving a remote frame
0 - reply not ready.
1 - reply ready & valid.
4IDE
Identifier Extension
0 - CAN standard rev 2.0 A (ident = 11 bits).
1 - CAN standard rev 2.0 B (ident = 29 bits).
3 - 0
DLC3:0
Data Length Code
Number of Bytes in the data field of the message.
The range of DLC is from 0 up to 8.
This value is updated when a frame is received (data or remote
frame).
If the expected DLC differs from the incoming DLC, a warning
appears in the CANSTCH register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com