Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 141 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 141 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 137Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 138Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 139Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 140Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 141Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 142Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 143Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 144Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 145Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 159 page
background image
141
AT/T89C51CC02
4126L–CAN–01/08
Maximum I
OL per 8-bit port:
Ports 1, 2 and 3: 15 mA
Maximum total I
OL for all output pins: 71 mA
If I
OL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
4. Power-down I
CC is measured with all output pins disconnected; XTAL2 NC.; RST = VSS (See Figure 61.).
5. Idle I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5V, VIH = VCC -
0.5V; XTAL2 N.C; RST = VSS (See Figure 60.).
6. Operating I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (See Figure 62.), VIL =
V
SS + 0.5V, VIH = VCC - 0.5V; XTAL2 N.C.; RST = VCC. ICC would be slightly higher if a crystal oscillator used (See Figure
59.).
Figure 59. I
CC Test Condition, Active Mode
Figure 60. I
CC Test Condition, Idle Mode
VaVcc
V
CC
I
CC
(NC)
CLOCK
SIGNAL
V
CC
All other pins are disconnected.
RST
XTAL2
XTAL1
VSS
VCC
VAGND
RST
XTAL2
XTAL1
V
CC
I
CC
(NC)
VaVcc
V
CC
All other pins are disconnected.
CLOCK
SIGNAL
VSS
VAGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com