Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 142 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 138Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 139Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 140Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 141Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 142Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 143Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 144Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 145Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 159 page
background image
142
AT/T89C51CC02
4126L–CAN–01/08
Figure 61. I
CC Test Condition, Power-down Mode
Figure 62. Clock Signal Waveform for I
CC Tests in Active and Idle Modes
DC Parameters for A/D
Converter
Table 115. DC Parameters for AD Converter in Precision Conversion
Notes:
1. Typicals are based on a limited number of samples and are not guaranteed.
2. With ADC enabled.
VaVcc
RST
XTAL2
XTAL1
V
SS
VCC
ICC
(NC)
VCC
All other pins are disconnected.
VAGND
V
CC-0.5V
0.45V
0.7V
CC
0.2VCC-0.1
TCLCH
TCHCL
T
CLCH = TCHCL = 5ns.
Symbol Parameter
Min
Typ
(1)
Max
Unit Test Conditions
AVin
Analog input voltage
Vss- 0.2
Max Vref
+ 0.6
V
VaVcc
Analog supply voltage
Vref
Vcc
Vcc +
10%
V
Rref
(2)
Resistance between Varef and Vss
12
16
24
K
Ω
Varef
Reference voltage
2.40
3.00
V
Cai
Analog input Capacitance
60
pF
During sampling
Rai
Analog input Resistor
400
Ω During sampling
INL
Integral non linearity
1
2
lsb
DNL
Differential non linearity
0.5
1
lsb
OE
Offset error
-2
2
lsb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com