Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 40 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 36Page - Texas Instruments TIR2000 Datasheet HTML 37Page - Texas Instruments TIR2000 Datasheet HTML 38Page - Texas Instruments TIR2000 Datasheet HTML 39Page - Texas Instruments TIR2000 Datasheet HTML 40Page - Texas Instruments TIR2000 Datasheet HTML 41Page - Texas Instruments TIR2000 Datasheet HTML 42Page - Texas Instruments TIR2000 Datasheet HTML 43Page - Texas Instruments TIR2000 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
4–4
4.5
FIFO Control Register (FCR) – (write only)
Address: 2 (Hex)
MIR, FIR And Consumer Mode
Bit definition:
BIT NO.
DEFAULT
DESCRIPTIONS
0
0
FIFO enable. When set to 1, Bit 0 enables both the transmitter and the receiver FIFOs. Bit
0 must be a 1 when setting other FCR bits. Changing bit 0 clears the FIFO.
1
0
Receiver FIFO reset. When set to 1, bit 1 clears all bytes in the receiver FIFO and resets
its counter to 0. The shift register in the TV mode is not cleared. A 1 written to bit 1 is self
clearing.
2
0
Transmitter FIFO reset. When set to 1, bit 2 clears all bytes in the transmitter FIFO and reset
its counter to 0. The shift register in the TV mode is not cleared. A 1 written to bit 2 is self
clearing.
3
0
DMA mode select. DMA mode is selected when bit 3 is set to 1.
4
0
Not used
5
0
When set to 1, 64–byte transmitter and 64–byte receiver FIFO are selected. When set to 0,
the 16–byte transmitter and the 16–byte receiver FIFO are selected. LCR[7] bit must be a
1 in order to write to bit 5. After writing to bit 5, the LCR[7] bit should be changed to a 0.
6
0
Receiver FIFO trigger level selection.
7
0
Receiver FIFO trigger level selection.
Bit 6 and bit 7 trigger levels are as follows:
BIT 7
BIT 6
16–BYTE RECEIVER FIFO
TRIGGER LEVEL (BYTES)
64–BYTE RECEIVER FIFO
TRIGGER LEVEL (BYTES)
0
0
01
01
0
1
04
16
1
0
08
32
1
1
14
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com