Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 35 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 31Page - Texas Instruments TIR2000 Datasheet HTML 32Page - Texas Instruments TIR2000 Datasheet HTML 33Page - Texas Instruments TIR2000 Datasheet HTML 34Page - Texas Instruments TIR2000 Datasheet HTML 35Page - Texas Instruments TIR2000 Datasheet HTML 36Page - Texas Instruments TIR2000 Datasheet HTML 37Page - Texas Instruments TIR2000 Datasheet HTML 38Page - Texas Instruments TIR2000 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
3–5
3.8
Line Status Register (LSR) - (read only)
Address: 5 (Hex)
Bit Definitions:
BIT NO.
DESCRIPTION
0
Data-ready (DR) indicator for the receiver. Bit 0 is set to a 1 when a complete incoming character is
received and transferred into the receiver buffer register or the FIFO. Bit 0 is reset to 0 by reading all of
the data in the receiver buffer register or the FIFO register.
1
Overrun-error (OE) indicator. When bit 1 is set to a 1, it indicates that before the character in the receiver
buffer register was read, it was overwritten by the next character transferred into the register. Bit 1 is reset
every time the CPU reads the contents of the line-status register. When the FIFO-mode data continues
to fill the FIFO beyond the trigger level, an overrun error occurs only after the FIFO is full and the next
character has been completely received in the shift register.
2
Parity-error (PE) indicator. When bit 2 is set to 1, it indicates that the parity of the received data character
does not match the parity selected in the line-control register (bit 4). Bit 2 is reset every time the CPU reads
the LSR. In the FIFO mode, this error is associated with the particular character in the FIFO to which it
applies. This error is revealed to the CPU when its associated character is at the top of the FIFO.
3
Framing-error indicator. When bit 3 is set to a 1, it indicates that the received character does not have
a valid (1) stop bit. Bit 3 is reset every time the CPU read the contents of the LSR. In the FIFO mode, this
error is associated with the particular character in the FIFO to which it applies. This error is revealed to
the CPU when its associated character is at the top of the FIFO. The UART tries to re-synchronize after
an framing error (FE). To accomplish this, it is assumed that a FE is caused by the next start bit. The UART
samples this start bit twice and then accepts the input data.
4
Break-interrupt (BI) indicator. When bit 4 is set to a 1, it indicates that the received data input was held
low for longer than a full-word transmission time. A full-word transmission time is defined as the total time
to transmit the start, data, parity, and stop bits. Bit 4 is reset every time the CPU reads the contents of
the LSR. In the FIFO mode, this error is associated with the particular character in the FIFO to which it
applies. This error is revealed to the CPU when its associated character is at the top of the FIFO. When
a break occurs, only one 0 character is loaded into the FIFO. The next character transfer is enabled after
SIN goes to the marking state for at least two RCLK samples and then receives the next valid start bit.
5
Transmitter holding register empty (THRE) indicator. Bit 5 is set to 1 when the transmitter holding register
is empty, indicating that the UART is ready to accept a new character. If the THRE interrupt is enabled
when bit 5 is a 1, an interrupt is generated. Bit 5 is set to 0 when the contents of the transmitter holding
register are transferred to the transmitter shift register. Bit 5 is reset to 0 concurrent with the loading of
the transmitter holding register by the CPU. In the FIFO mode, bit 5 is set when the transmit FIFO is empty;
it is cleared when at least one byte is written to the transmit FIFO.
6
Transmitter empty (TEMT) indicator. Bit 6 is set to 1 when the transmitter holding register and the
transmitter shift register are both empty. In the FIFO mode, bit 6 is set to 1 when the transmitter FIFO and
shift register are both empty.
7
Error in receiver FIFO (ER_RCV_FIFO). Bit 7 is set to a 1 if there is at least 1 framing-error, parity-error
or break-indication in the receiver FIFO. If the FIFO is disabled, this bit is always 0. Bit 7 is cleared when
the CPU reads the LSR if there are no other errors in the receiver FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com