Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 10 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 6Page - Texas Instruments TIR2000 Datasheet HTML 7Page - Texas Instruments TIR2000 Datasheet HTML 8Page - Texas Instruments TIR2000 Datasheet HTML 9Page - Texas Instruments TIR2000 Datasheet HTML 10Page - Texas Instruments TIR2000 Datasheet HTML 11Page - Texas Instruments TIR2000 Datasheet HTML 12Page - Texas Instruments TIR2000 Datasheet HTML 13Page - Texas Instruments TIR2000 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
1–4
1.5
Terminal Functions
TERMINALS
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
A0 – A3
36–39
I
Address bus. The CPU uses A0 -A3 and the CS signal to select the internal register
of the TIR2000. A0 -A3 are decoded to select a particular register.
CS
30
I
Chip select. The CPU uses CS to select the TIR2000 for read/write transactions.
CTS
54
I
Clear to send. CTS is a modem-status signal. Its condition can be checked by reading
bit 4 (CTS) of the modem-status register (MSR). Bit 0 (
∆CTS) of the MSR indicates
that CTS has changed states since the last read from the MSR. When modem-status
interrupt is enabled, CTS changes states, and the auto-CTS mode is not enabled, an
interrupt is generated. CTS is also used in the auto-CTS mode to control the
transmitter.
D0–D7
1–4,
6–9
I/O
Data bus. These bidirectional data lines are connected to the CPU for data transfer
between the TIR2000 and the CPU. D0 is the LSB and D7 is the MSB.
DACK0,
DACK1,
DACK3
27–29
I
DMA acknowledge. DACK0, DACK1, and DACK3 are DMA active low signals that
are the corresponding acknowledge signals, for the DMA request signals which are
DRQ0, DRQ1 and DRQ3.
DCD
56
I
Data carrier detect. DCD is a modem-status signal. Its condition can be checked by
reading bit 7 (DCD) of the MSR. Bit 3 (
∆DCD) of the MSR indicates that DCD has
changed states since the last read from the MSR. When the modem-status interrupt
is enabled and DCD changes state, an interrupt is generated.
DRQ0, DRQ1,
DRQ3
23–25
O
DMA requests. DRQ0, DRQ1 and DRQ3 are used for DMA requests that are active
high and are used to signal the DMA controller that data transfer between the
TIR2000 and memory is required. When the DMA is enabled, one of the three
channels configurable through the DMA channel select register (DCSR) can be
selected.
DSR
55
I
Data set ready. DSR is a modem-status signal. Its condition can be checked by
reading bit 5 (DSR) of the MSR. Bit 1 (
∆DSR) of the MSR indicates the DSR has
changed states since the last read from the MSR. When the modem-status interrupt
is enabled and the DSR changes states, an interrupt is generated.
DTR
61
O
Data terminal ready. When low, DTR informs a modem or data set that the UART is
ready to establish communication. DTR is placed in the active state by setting the
DTR bit of the modem-control register to one. DTR is placed in the inactive condition
as a result of a master reset, during loop mode operation, or clearing of the DTR bit.
GND
5, 10,
26, 34,
50
Ground (0 V). GND terminals must be tied to ground for proper operation.
GPIO0–GPIO3,
GPIO4–GPIO7
40–43,
45–48
I/O
General purpose I/O terminals. GPIO0–GPIO7 terminals are programmable
general-purpose input/output terminals.
IRQ3–IRQ7,
IRQ9–IRQ12,
IRQ14, IRQ15
11–16,
18–22
O
Interrupt signals. These active-high interrupts are activated based on the IRQ
configuration register.
IRRVH
64
I
Infrared receive. IRRVH is an input connected to the IR transceiver module that
receives data in the high-speed modes (1.15 Mbps and 4 Mbps mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com