Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 49 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 45Page - Texas Instruments TIR2000 Datasheet HTML 46Page - Texas Instruments TIR2000 Datasheet HTML 47Page - Texas Instruments TIR2000 Datasheet HTML 48Page - Texas Instruments TIR2000 Datasheet HTML 49Page - Texas Instruments TIR2000 Datasheet HTML 50Page - Texas Instruments TIR2000 Datasheet HTML 51Page - Texas Instruments TIR2000 Datasheet HTML 52Page - Texas Instruments TIR2000 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
4–13
4.13 Bank 2 Registers
4.13.1
Prescaler Register (PRESC)
Address: A (Hex) – Bank 2
Bit No.
[7–6]
[5–0]
Description
Not used
Prescaler Value
Default
011010
Bits[5–0]: Prescaler Value. The prescaler unit divides the 48-MHz input clock by the value in the PRESC
register. The 48-MHz input clock is divided by integers from 1 to 31. When PRESC is a 0 there is no output
clock. The default value for the PRESC register is 1A(Hex).
4.13.2
Interrupt Configuration Register (ICR) – (write only)
Address: B (Hex) – Bank 2
Bit No.
7
6
[5–4]
[3–0]
Description
IRQ active level select
IRQ output mode
select
Status FIFO threshold
level
IRQ channel select
Default
0
0
0001
Bits [3–0]: IRQ channel select. There are 11 IRQ channels. Any particular IRQ channel can be selected by
programming the ICR[3–0] bits.
ICR[3–0]
IRQ channel
ICR[3–0]
IRQ channel
0001
IRQ3
0111
IRQ10
0010
IRQ4
1000
IRQ11
0011
IRQ5
1001
IRQ12
0100
IRQ6
1010
IRQ14
0101
IRQ7
1011
IRQ15
0110
IRQ9
Others
None
Bits [5–4]: These two bits decide the threshold level needed:
BIT [5–4]
THRESHOLD LEVEL
00
1
01
4
10
7
11
8
Bit 6: IRQ output mode select. IRQ output can be a totem-pole or an open-drain output. A 0 on bit 6 selects
the open-drain output and a 1 selects the totem-pole output. The default value is 0 (open drain). In the
totem-pole output configuration, the output can be a 1, a 0 or a Z, whereas in the open-drain configuration,
the output can be only a 0 or a Z.
Bit 7: In the totem-pole configuration. IRQ output can be an active high or an active low. When the IRQ[7]
bit is a 0, active high is selected and when the IRQ[7] bit is a 1, active low is selected. The default value is
a 0 (active high). Bit 7 is not relevant when open drain is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com