Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 38 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 34Page - Texas Instruments TIR2000 Datasheet HTML 35Page - Texas Instruments TIR2000 Datasheet HTML 36Page - Texas Instruments TIR2000 Datasheet HTML 37Page - Texas Instruments TIR2000 Datasheet HTML 38Page - Texas Instruments TIR2000 Datasheet HTML 39Page - Texas Instruments TIR2000 Datasheet HTML 40Page - Texas Instruments TIR2000 Datasheet HTML 41Page - Texas Instruments TIR2000 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
4–2
Consumer Remote Mode
Bit definition:
BIT NO.
DEFAULT
DESCRIPTIONS
0
0
Received-data-available interrupt enable (1 = enable, 0 = disable). If bit 0 is set, it enables
an interrupt when the receiver FIFO is equal to or above its threshold level.
1
0
Transmitter FIFO below threshold level interrupt enable. If bit 1 is set, it enables an interrupt
when the transmitter FIFO is below its threshold level.
2
0
write 0
3
0
RX FIFO overrun interrupt enable
4
0
write 0
5
0
Transmitter underrun interrupt enable.
6
0
write 0
7
0
write 0
4.4
Interrupt Identification Register (IIR) – (read only)
Address: 2 (Hex)
MIR/ FIR (Programmed I/O) Mode
IIR_IR
Bit No
7
6
5
4
3
2
1
0
Definition
EOF
detected
Not
used
TX
underrun
Not
used
RX
FIFO
overrun
Last byte
read from
FIFO
TX FIFO
below
threshold
RX FIFO
over
threshold
Default
0
0
0
0
0
0
1
0
Bit definition:
BIT NO.
DESCRIPTIONS
0
Receiver interrupt pending. Bit 0 is set to a 1 when the receiver FIFO level is equal to or above its threshold
level.
1
Transmitter interrupt pending. Bit 1 is set to a 1 when the transmitter FIFO level is below its threshold level.
2
Bit 2 is set to a 1 when the CPU reads the last byte of a frame from the receiver FIFO. Bit 2 is cleared
when it is read. The CPU uses bit 2 along with bit 7 to locate the end of the frame.
3
Receiver FIFO overrun interrupt. Bit 3 is set to a 1 when an overrun occurs in the RX FIFO. Overrun occurs
when the CPU cannot read data fast enough from the RX FIFO and there is no empty space available in
the RX FIFO register to store frame data. If an overrun occurs, the CPU
has to service the overrun before the TIR2000 can receive data further.
4
Not used
5
Transmit underrun interrupt pending. Bit 5 is set to a 1 when an underrun occurs in transmit FIFO. Bit 5 is
cleared by servicing the underrun.
6
Not used
7
Received end-of-frame interrupt pending. Bit 7 is set to a 1 when the receiver detects the last byte of a
frame. This is different from bit 2. Bit 2 is set to a 1 when the CPU reads the last byte of a frame from the
FIFO. Bit 7 is set prior to bit 2. Bit 7 is cleared to a 0 when it is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com