Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 32 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 28Page - Texas Instruments TIR2000 Datasheet HTML 29Page - Texas Instruments TIR2000 Datasheet HTML 30Page - Texas Instruments TIR2000 Datasheet HTML 31Page - Texas Instruments TIR2000 Datasheet HTML 32Page - Texas Instruments TIR2000 Datasheet HTML 33Page - Texas Instruments TIR2000 Datasheet HTML 34Page - Texas Instruments TIR2000 Datasheet HTML 35Page - Texas Instruments TIR2000 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
3–2
3.4
Interrupt Identification Register (IIR) - (read only)
Address: 2 (Hex)
Bit Definitions:
BIT NO.
DEFAULT
DESCRIPTION
0
1
Interrupt pending
1
0
Interrupt ID0
2
0
Interrupt ID1
3
0
Interrupt ID2
4
0
Reserved (always 0)
5
0
FIFO enabled 1
6
0
FIFO enabled 2
7
0
FIFO enabled 3
(bit 7 bit 6 bit 5) = 000
= 110
= 111
FIFO disabled
16-byte FIFO
64-byte FIFO
INTERRUPT ID REGISTER
PRIORITY
INTERRUPT
INTERRUPT SOURCE
INTERRUPT RESET
BIT 3
BIT 2
BIT 1
BIT 0
LEVEL
TYPE
METHOD
0
0
0
1
None
None
None
None
0
1
1
0
1
Receiver line
status
Overrun error, parity error,
framing
error
or
break
interrupt
Read the line-status
register
0
1
0
0
2
Received data
available
Receiver data available or
trigger level reached in the
FIFO mode
Read
the
receiver
buffer register
1
1
0
0
2
Character
time-out
indication
No characters have been
removed from or input to the
receiver FIFO during the last
4 character times, and there
is at least 1 character in it
during this time.
Read
the
receiver
buffer register
0
0
1
0
3
Transmitter
holding-register
empty
Transmitter holding register
is empty
Read
the
interrupt
identification register
or
write
to
the
transmitter
holding
register.
0
0
0
0
4
Modem status
Clear
to
send,
data-set
ready,
ring
indicator,
or
data-carrier detect
Read the
modem-status
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com