Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 22 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 18Page - Texas Instruments TIR2000 Datasheet HTML 19Page - Texas Instruments TIR2000 Datasheet HTML 20Page - Texas Instruments TIR2000 Datasheet HTML 21Page - Texas Instruments TIR2000 Datasheet HTML 22Page - Texas Instruments TIR2000 Datasheet HTML 23Page - Texas Instruments TIR2000 Datasheet HTML 24Page - Texas Instruments TIR2000 Datasheet HTML 25Page - Texas Instruments TIR2000 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
2–10
4.
Program the mode-definition register (MDR) in order to:
•
Select the SHARP Ir mode
•
Enable/disable the low-power mode. For normal operation, the low-power mode is enabled.
•
Enable/disable the sleep mode. For normal operation, the sleep mode is disabled.
5.
Program the TV configuration (TVCFG) register in order to:
•
Enable/disable the receiver internal demodulation.
•
Select the transmission carrier-frequency range.
•
Select the receiver carrier-frequency range.
2.1.4.1
SHARP IR Data-Transmission Mode
The following register programming steps are required for data transmission in the SHARP IR mode:
1.
Program the PLR to select the TX FIFO trigger level.
2.
Reset the TX FIFO. This includes the following:
•
Write to the LCR register to set the LCR[7] bit to a 1. The LCR[7] bit must be a 1 to be able to
write to the FCR(5) bit.
•
Program the FCR register to select 64-/16-bytes TX FIFO, non-DMA mode of operation,
select the RX FIFO trigger level and to clear the TX FIFO.
•
Write the LCR register so that the LCR[7] bit = 0 (for normal operation).
3.
Program the IER register to enable only the data-transmission related interrupts.
•
Enable the transmit threshold interrupt.
•
Enable the transmit underrun interrupt.
•
Disable the RX FIFO over threshold interrupt.
•
Disable the RX FIFO overrun error interrupt.
4.
Program the transmit modulation carrier-frequency register (TVMDCFG) to select the desired
carrier frequency and pulse duration.
5.
Write a 1 to the ACREG[7] bit to enable data transmission.
6.
Write a 1 to the MCR[3] bit to enable the selected IRQ channel.
This completes the programming of registers and now the device is ready for data transmission.
2.1.4.2
SHARP Infrared Data-Receive Mode
The following register programming steps are required for data receive in the SHARP infrared mode:
1.
Program the infrared-configuration register (IRCFG). Select the SHARP infrared data-receive
terminal to be either IRRVL (IRCFG[1] = 1) or IRRVH (IRCFG[1] = 0).
2.
Program the RX demodulation configuration register (TVDMCFG). Select the desired incoming
infrared data carrier frequency range.
3.
Reset the RX FIFO. This includes:
•
Write to the LCR register to set the LCR[7] bit to a 1. The LCR[7] bit must be a 1 to be able to
write to the FCR(5) bit.
•
Program the FCR to select 64-/16-bytes TX FIFO, non-DMA mode of operation, select the
RX FIFO trigger level and to clear the TX FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com