Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 28 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 24Page - Texas Instruments TIR2000 Datasheet HTML 25Page - Texas Instruments TIR2000 Datasheet HTML 26Page - Texas Instruments TIR2000 Datasheet HTML 27Page - Texas Instruments TIR2000 Datasheet HTML 28Page - Texas Instruments TIR2000 Datasheet HTML 29Page - Texas Instruments TIR2000 Datasheet HTML 30Page - Texas Instruments TIR2000 Datasheet HTML 31Page - Texas Instruments TIR2000 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
2–16
2.
Program the baud-rate divisor lower byte (DLL) register and the baud-rate divisor higher byte
(DLM) register to select the desired communication baud rate for the UART mode. The baud rate
is given by:
X
IN +
Input clock frequency to the chip
PRESC
+ PRESC register value
Baud Rate
+ Desired baud rate
so the formula for the Divisor is:
Divisor
+
X
IN
PRESC
BaudRate
16
Where
Baud rate
+
X
IN
PRESC
Divisor
16
(5)
The two 8-bit baud-rate divisor registers (DLL and DLM) store the divisor in a 16-bit binary format. The device
can be changed to the UART mode from any other mode of operation by writing to the DLL or the DLM
registers. This changes the MDR register MDR[2–0] bits to the UART mode automatically (known as the
fall-back mechanism). The PRESC register also automatically changes to the default value.
3.
Program the prescaler (PRESC) register so that the prescaler output is approximately 1.843
MHz. For an input frequency of 48 MHz, use the default PRESC value (26).
4.
Program the mode-definition register (MDR) in order to:
•
Select the UART mode.
•
Enable/disable the low-power mode. For normal operation, the low-power mode is enabled.
•
Enable/disable the sleep mode. For normal operation, the sleep mode is disabled.
5.
Program the line-control register (LCR) in order to:
•
Select the word length.
•
Select the number of stop bits.
•
Enable/disable parity generation.
•
Select even/odd parity.
•
Enable/disable stick parity.
•
Enable/disable the break control.
6.
Program the LCR to select the TX FIFO trigger level.
7.
Reset the TX FIFO. This includes the following:
•
Write to the LCR register to set the LCR[7] bit to a 1. The LCR[7] bit must be a 1 in order to be
able to write to the FCR(5) bit.
•
Program the FCR register to select 64-/16-bytes TX FIFO register, non-DMA mode of
operation, select the RX FIFO trigger level and to clear the TX FIFO.
•
Write the LCR register so that the LCR[7] bit = 0 (for normal operation).
8.
Program the IER register to enable interrupts.
9.
Write a 1 to the MCR[3] bit to enable the selected IRQ channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com