Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 9 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 5Page - Texas Instruments TIR2000 Datasheet HTML 6Page - Texas Instruments TIR2000 Datasheet HTML 7Page - Texas Instruments TIR2000 Datasheet HTML 8Page - Texas Instruments TIR2000 Datasheet HTML 9Page - Texas Instruments TIR2000 Datasheet HTML 10Page - Texas Instruments TIR2000 Datasheet HTML 11Page - Texas Instruments TIR2000 Datasheet HTML 12Page - Texas Instruments TIR2000 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
1–3
1.3
Terminal Assignments
D0
D1
D2
D3
GND
D4
D5
D6
D7
GND
IRQ3
IRQ4
IRQ5
IRQ6
IRQ7
IRQ9
PAG PACKAGE
(TOP VIEW)
17 18 19
GPIO7
GPIO6
GPIO5
GPIO4
VCC
GPIO3
GPIO2
GPIO1
GPIO0
A3
A2
A1
A0
RESET
GND
WR
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52 51 50 49
30 31 32
Figure 1–2. Terminal Assignments
1.4
Ordering Information
PACKAGE
TA
QUAD FLAT PACK
(PAG)
0
°C to 70°C
TIR2000PAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com