Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 17 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 13Page - Texas Instruments TIR2000 Datasheet HTML 14Page - Texas Instruments TIR2000 Datasheet HTML 15Page - Texas Instruments TIR2000 Datasheet HTML 16Page - Texas Instruments TIR2000 Datasheet HTML 17Page - Texas Instruments TIR2000 Datasheet HTML 18Page - Texas Instruments TIR2000 Datasheet HTML 19Page - Texas Instruments TIR2000 Datasheet HTML 20Page - Texas Instruments TIR2000 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
2–5
5.
Write a 1 to the ACREG[6] to enable data receive.
6.
Write a 1 to the MCR[3] bit. This enables the selected IRQ channel.
This completes the programming of the registers for data receive and now the device is ready to receive
data. The device decodes the serial data, converts it from serial data to parallel data and stores the data
bytes in the RX FIFO. When the stored data in the RX FIFO reaches the set threshold level, the device
interrupts the CPU. When the CPU is interrupted, it reads the IIR to identify the source of the interrupt. When
the source of the interrupt is the IIR[0] bit and not the IIR[7] bit, the CPU goes to the threshold mode.
2.1.1.2.1
Threshold Mode
During threshold mode, the CPU reads a number of bytes (determined by the RX FIFO threshold level) from
the RX FIFO. An example: When the RX threshold value is set to be 16, the CPU can perform 16 consecutive
read operations from the RX FIFO. When the source of interrupts is the IIR[7] bit, the CPU goes to the byte
mode.
2.1.1.2.2
Byte Mode
The CPU will read the majority of the frame in the threshold mode. However, the last bits of data may not
fall on the exact threshold boundary and will not be able to interrupt the CPU with the IIR[0] bit. The device
interrupts the CPU with the IIR[7] bit when the machine in the data-receive mode detects the end of a frame.
The CPU disables the IER[0] bit and reads one byte from the RX FIFO each time and checks for the interrupt
(IIR[2]) bit. When the CPU reads the last byte of a frame from the RX FIFO, the device interrupts the CPU
with the IIR[2] bit. Once the CPU receives the IIR[2] bit, it should not read further from the RX FIFO and that
is the end of the frame. The last four bytes that the CPU read from the RX FIFO are the CRC value and not
the actual data. The CPU enables the IER[0] bit. After the CPU reads the last byte of a frame from the RX
FIFO, it reads the LSR register to determine the sources or errors, if any, for that frame. When the source
of the interrupt is the IIR[3] bit, there has been an overrun while receiving data and the CPU will service the
overrun.
2.1.1.2.3
Data-Receive Overrun
An overrun occurs during data receive if the CPU cannot timely read out data from the RX FIFO and the RX
FIFO is overwritten. When an overrun occurs, the device interrupts the CPU with the IIR[3] bit and discards
the remaining portion of the frame. When an overrun occurs, the device sets an internal flag and the receive
operation of the next frame is disabled. Before the next frame can be received, the CPU must reset the RX
FIFO and read the RESUME register. This read operation clears the internal flag.
2.1.2
Medium-Speed Infrared (MIR) mode (IrDA 1.1)
During the medium speed infrared (MIR) mode, data transfer takes place between the CPU and peripheral
devices at a speed of 1.15 Mbs. A MIR transmit frame starts with a minimum of two Start Flags followed by
the Frame Data, CRC–16 and ends with a Stop Flag.
Start Flag
Frame Data
CRC-16
Stop Flag
The peripheral device in the data transmission mode of operation attaches the Start Flags, CRC-16, and
a Stop Flag. It also looks for five consecutive ones in the frame data and automatically inserts a zero after
five consecutive ones. This operation is known as bit stuffing. On a receive operation, the machine in the
data receive mode recovers the receive clock, removes the Start Flag, de-stuffs the incoming data and
determines frame boundary with the reception of the Stop Flag. It also checks for errors such as frame abort,
CRC error and frame-length error. At the end of a frame reception, the CPU reads the LSR status register
to find out if any errors occurred with the received frame.
The device can both transmit and receive data, but cannot do both at the same time. When the CPU wants
to send data, the perpheral device must be programmed for data transmission. When the CPU receives data
from the peripheral device, the perpheral device must be programmed for data receive. Some registers are
common to both data transmit and data receive and are programmed only once. Use the following
programming sequence for these registers:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com