Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 43 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 39Page - Texas Instruments TIR2000 Datasheet HTML 40Page - Texas Instruments TIR2000 Datasheet HTML 41Page - Texas Instruments TIR2000 Datasheet HTML 42Page - Texas Instruments TIR2000 Datasheet HTML 43Page - Texas Instruments TIR2000 Datasheet HTML 44Page - Texas Instruments TIR2000 Datasheet HTML 45Page - Texas Instruments TIR2000 Datasheet HTML 46Page - Texas Instruments TIR2000 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
4–7
4.9.1
Sleep Mode
When the MDR[3] bit is a 1 and other conditions are satisfied, the device goes into the sleep mode. In sleep
mode the oscillator is shut off and there is no clock running inside the TIR2000. This feature is useful for
saving power consumption. The scope of sleep mode depends on the mode of operation as listed below:
UART mode: The device is always awake when there is a byte in the transmitter, activity on SIN, or when
the device is in the loopback mode. The device is also awake when either delta-CTS, delta-DSR, delta-DCD,
or TERI = 1.
MIR mode: Sleep mode is applicable only during data transmission. The CPU must disable the sleep mode
during data reception by writing a 0 to the MDR[3] bit. When the transmitting peripheral device is idle and
the transmitter FIFO is empty the device goes into the sleep mode. When the CPU writes data to the TX
FIFO register the oscillator is turned on and the clock becomes alive. However it takes 1ms for the oscillator
to be stable and the clock to be valid.
FIR mode: Sleep mode is applicable both during data transmission and data reception. The device goes
into the sleep mode when the transmitting peripheral device is idle, the TX FIFO register is empty and the
receiver is also idle. The clock becomes alive when the CPU writes data to the TX FIFO register or the
receiver starts receiving data. However, it takes 1ms for the oscillator to be stable and the clock to be valid.
SIR and SHARP IR mode: The scope is similar to UART mode and operates for both data transmission and
data receive.
TV mode: Sleep mode is applicable for both data transmission and data receive.
4.9.2
Low-Power Mode
The mechanism of low-power mode is the same as the sleep mode except that the low-power mode is
controlled by the MDR[4] bit and the oscillator keeps running. In low-power mode, the oscillator is not shut
off; only the clock inside the device is disabled. In sleep mode it takes 1 ms to change from sleep mode to
normal mode, whereas the device can change from low-power mode to normal mode immediately.
4.10 Configuration Control Register (CCR) – (write only)
Address 9 (Hex)
CCR
Bit No.
[7–6]
[5–0]
Description
BANK SELECT
Not used
Default
00
There are four register banks with addresses from A to F. To write to/read from a register in any bank, the
corresponding bank must be selected by writing to the CCR bits[7–6].
BITS CCR[7–6]
BANK SELECTION
00
Bank 0
01
Bank 1
10
Bank 2
11
Bank 3
4.11 BANK 0 REGISTERS
4.11.1
Transmit Frame-Length Register Low (TXFLL) – (write only)
Address: A (Hex) – Bank 0
Bit No.
7
6
5
4
3
2
1
0
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com