Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 44 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 40Page - Texas Instruments TIR2000 Datasheet HTML 41Page - Texas Instruments TIR2000 Datasheet HTML 42Page - Texas Instruments TIR2000 Datasheet HTML 43Page - Texas Instruments TIR2000 Datasheet HTML 44Page - Texas Instruments TIR2000 Datasheet HTML 45Page - Texas Instruments TIR2000 Datasheet HTML 46Page - Texas Instruments TIR2000 Datasheet HTML 47Page - Texas Instruments TIR2000 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
4–8
4.11.2
Transmit Frame-Length Register high (TXFLH) – (write only)
Address: B (Hex) – Bank 0
Bit No.
[7–6]
5
4
3
2
1
0
Description
Not used
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0
0
0
0
0
0
The TXFLL register along with the TXFLH register stores the value for the number of bytes of a data
transmission frame. The TXFLL register stores the lower 8 bits and the TXFLH register stores the upper bits.
4.11.3
Received Frame-Length Register Low(RXFLL) – (write only)
Address: C (Hex) – Bank 0.
Bit No.
7
6
5
4
3
2
1
0
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0
0
0
0
0
0
0
0
4.11.4
Received Frame-Length Register High (RXFLH) – (write only)
Address: D (Hex) – Bank 0.
Bit No.
[7–6]
5
4
3
2
1
0
Description
Not used
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0
0
0
0
0
0
While receiving data, the maximum length of a frame is limited to the value, written to the RXFLL and the
RXFLH registers. The RXFLL register stores the lower 8 bits and the RXFLH register stores the upper bits.
Any frame greater then the set maximum value will be reported as a frame-length-exceed error. If n is the
intended receive-frame maximum length, then program the (RXFLL, RXFLH) registers to be (n + 3) in the
MIR mode and (n+5) in the FIR mode of operation.
4.11.5
Preamble Length Register (PLR) – (write only)
Address: E (Hex) – Bank 0.
PLR
Bit No.
[7–6]
[5–4]
[3–0]
Description
Preamble length
TX FIFO trigger
Start flags
Default
00
01
0010
Bit[3–0]: Number of start flags (relevant only in the MIR mode). The number of start flags to be transmitted
at the beginning of a frame is equal to the PLR[3–0] value. The minimum value is 2.
Bit[5–4]: Data Transmission FIFO trigger level selection or empty space available selection.
BIT [5–4]
16-BYTE RECEIVER FIFO EMPTY
SPACE AVAILABLE (BYTES)
64-BYTE RECEIVER FIFO. EMPTY
SPACE AVAILABLE (BYTES)
0
0
Not used
Not used
0
1
12
48
1
0
08
32
1
1
2
8
Example: Bit[5–4] are set to 01 and the TX FIFO register is configured for 64 bytes. When the available
empty space in the TX FIFO register increases to 48 bytes, the device interrupts the CPU with the IIR[1]
bit. The CPU can safely write up to 48 bytes to the TX FIFO without the possibility of overwriting the TX FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com