Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 23 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 19Page - Texas Instruments TIR2000 Datasheet HTML 20Page - Texas Instruments TIR2000 Datasheet HTML 21Page - Texas Instruments TIR2000 Datasheet HTML 22Page - Texas Instruments TIR2000 Datasheet HTML 23Page - Texas Instruments TIR2000 Datasheet HTML 24Page - Texas Instruments TIR2000 Datasheet HTML 25Page - Texas Instruments TIR2000 Datasheet HTML 26Page - Texas Instruments TIR2000 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
2–11
•
Write the LCR register so that bit LCR[7] = 0 (for normal operation).
4.
Program the IER register to enable only the receive related interrupts.
5.
Write a 1 to the ACREG[6] bit to enable data receive.
6.
Write a 1 to the MCR[3] bit to enable the selected IRQ channel.
This completes the programming of registers for data receive and now the device is ready to receive data.
The CPU receives an interrupt and reads the IIR to identify the source of the interrupt. If the source of the
interrupt is IIR[0] the CPU goes into the threshold mode. See paragraph 2.1.1.2.1. If the source of the
interrupt is IIR[4] there has been an overrun while data receiving and the CPU needs to service the overrun.
See paragraph 2.1.1.2.3.
2.1.5
TV mode
The consumer TV remote-control (TV) mode supports data transmission between devices at a speed of up
to 166.7 Kbps. Data can be transferred in a half-duplex mode. The following registers need to be
programmed:
1.
Program the interrupt configuration register (ICR) in order to:
•
Select the IRQ channel.
•
Select either totem-pole or open-drain output.
•
Select an active high or an active low for an interrupt when the totem-pole configuration is
selected.
2.
Program the prescaler (PRESC) register. The PRESC register can be programmed to a value
so that:
X
IN
PRESC
v 5MHz
Where
X
IN +
Input clock frequency and
PRESC
+ PRESC register value
(3)
For a 48-MHz input clock, a PRESC register value of larger than 0A (hex) is recommended. The default hex
value is 1A. This default value is retained if the desired baud rate is under 115.2 Kbps.
3.
Program the auxiliary baud-rate divisor lower byte (ABDL) and the auxiliary baud-rate divisor
higher byte (ABDH) registers to select the desired communication baud rate for TV mode. The
baud rate is determined by:
Baud rate
+
X
IN
PRESC
Divisor
16
Divisor
+
X
IN
PRESC
BaudRate
16
å
(4)
The two 8-bit auxiliary baud-rate divisor registers store the divisor in a 16-bit binary format.
4.
Program the mode-definition register (MDR) in order to:
•
Select the TV mode
•
Enable/disable the low-power mode. For normal operation, the low-power mode is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com