Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 53 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 49Page - Texas Instruments TIR2000 Datasheet HTML 50Page - Texas Instruments TIR2000 Datasheet HTML 51Page - Texas Instruments TIR2000 Datasheet HTML 52Page - Texas Instruments TIR2000 Datasheet HTML 53Page - Texas Instruments TIR2000 Datasheet HTML 54Page - Texas Instruments TIR2000 Datasheet HTML 55Page - Texas Instruments TIR2000 Datasheet HTML 56Page - Texas Instruments TIR2000 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
5–1
5 Electrical Specifications
5.1
Absolute Maximum Ratings Over Operating Free Air Temperature Range
(Unless Otherwise Noted)†
Supply voltage range, VCC
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
0
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
5.2
Recommended Operating Conditions
Low voltage (3.3 V nominal)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
Input voltage, VI
0
VCC
V
High-level input voltage, VIH (see Note 1)
0.7 VCC
V
Low-level input voltage, VIL (see Note 1)
0.2 VCC
V
Output voltage, VO (see Note 2)
0
VCC
V
IOH = –12 mA, See Note 4
VCC – 0.8
High-level output current, VOH
IOH = –4 mA, See Note 5
VCC – 0.8
V
IOH = –2 mA, See Note 6
VCC – 0.8
IOL = 12 mA, See Note 4
0.5
Low-level output current, VOL
IOL = 4 mA, See Note 5
0.5
V
IOL = 2 mA, See Note 6
0.5
Input capacitance, CI
15
pF
Operating free-air temperature, TA
0
25
70
°C
Virtual junction temperature range, TJ (see Note 3)
0
25
115
°C
Oscillator/Clock speed
48
MHz
Clock duty cycle
50
%
Jitter specification
±100
ppm
NOTES:
1. Meets TTL levels, VIH(min) = 2 V and VIL(max) = 0.8 V on nonhysteresis inputs.
2. Applies for external output buffers.
3. These junction temperatures reflect simulated conditions. Absolute maximum junction temperature is
150
°C. The customer is responsible for verifying junction temperature.
4. These parameters apply for D7–D0, IRQ3–IRQ15, DRQ0, DRQ1 and DRQ3.
5. These parameters apply for GPIO0–GPIO7, XSOUT, XRTS, XDTR, XIR–TXD.
6. These parameters apply for XOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com