Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 27 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 23Page - Texas Instruments TIR2000 Datasheet HTML 24Page - Texas Instruments TIR2000 Datasheet HTML 25Page - Texas Instruments TIR2000 Datasheet HTML 26Page - Texas Instruments TIR2000 Datasheet HTML 27Page - Texas Instruments TIR2000 Datasheet HTML 28Page - Texas Instruments TIR2000 Datasheet HTML 29Page - Texas Instruments TIR2000 Datasheet HTML 30Page - Texas Instruments TIR2000 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
2–15
NOTES: A. When CTS is a low, the transmitter keeps sending serial data out.
B. When CTS transitions to a high before the middle of the last stop bit of the current byte, the transmitter
finishes sending the current byte but it does not send the next byte.
C. When CTS transitions from a high to a low, the transmitter begins sending data again.
Start
Bits 0–7
Stop
Start
Bits 0–7 Stop
Start
Bits 0–7
Stop
SOUT
CTS
Figure 2–5. CTS Functional Timing Diagram
2.1.6.4
Enabling Auto-RTS and Auto-CTS
The receiver FIFO trigger level can be set to 1, 4, 8, or 14 bytes for the 16-byte mode and 1, 16, 32, or 56
bytes for the 64-byte mode.
NOTES: A. N = receiver FIFO trigger level
B. The two blocks in dashed lines cover the case when an additional byte is sent as described in auto-CTS.
Start
Byte N
Stop
Start
Byte N + 1 Stop
Start
Byte
Stop
SIN
RTS
N
N + 1
RD
12
Figure 2–6. RTS Functional Timing, RCV-FIFO Trigger
2.1.6.4.1
Programming UART Related Registers
All UART related registers must be programmed for proper data communication. The following register
programming steps are required for data communication:
1.
Program the interrupt configuration register (ICR) in order to:
•
Select the IRQ channel.
•
Select either totem-pole or open-drain output.
•
Select an active high or an active low for an interrupt when the totem-pole configuration is
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com