Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 7 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 3Page - Texas Instruments TIR2000 Datasheet HTML 4Page - Texas Instruments TIR2000 Datasheet HTML 5Page - Texas Instruments TIR2000 Datasheet HTML 6Page - Texas Instruments TIR2000 Datasheet HTML 7Page - Texas Instruments TIR2000 Datasheet HTML 8Page - Texas Instruments TIR2000 Datasheet HTML 9Page - Texas Instruments TIR2000 Datasheet HTML 10Page - Texas Instruments TIR2000 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
1–1
1 Introduction
The TIR2000 is a serial communication controller with full infrared support which is also compatible to the
TL16C550C and the TL16C750 UART devices. This device also supports the Sharp-IR, HPSIR, MIR, FIR
and TV modes. The controller has a 64-byte FIFO which reduces the CPU of excessive software overhead.
Also a 64-byte FIFO meets the minimum frame size requirements simplifying the software driver design.
DMA and interrupt support for all operations have been included in this architecture. The TIR2000 offers
programmable registers for routing interrupt DMA handshake signals. While in UART mode, the 64-byte
FIFO and selectable auto-flow control for RTS and CTS increases system efficiency and baud rate.
•
IrDA 1.0 mode with a data rate up to 115.2 Kbps
•
IrDA 1.1 mode with a data rate up to 1.15 Mbps
•
IrDA 1.1 mode with a data rate up to 4 Mbps
•
Sharp ASK infrared mode
•
Consumer television remote control mode (RC5, RC5 extended, NEC, RC6, and RECS80)
1.1
Features
•
Full infrared support
–
Infrared Data Association (IrDA
™) 1.0 supports up to 115.2 kbps
–
IrDA 1.1 supports 1.15 Mbps and 4 Mbps
–
Sharp Amplitude Shift Keying (ASK)
–
TV remote control mode
•
Industry Standard Architecture (ISA) compatible bus interface
•
Selectable 16- or 64-byte FIFO
•
Full duplex infrared transmission and reception
•
Controlled transmit start
•
Supports back-to-back transactions
•
Supports multiple optical transceivers
•
Controlled Serial Interaction Pulse (SIP) generation
•
Supports 11 IRQ options and 3 DMA configurations
•
Power management support
•
8 general purpose I/O terminals
•
Fully compatible with TL16C450, TL16C550C, TL16C750 UARTs
•
Automatic fallback to TL16C550C mode
•
UART baud rate up to 1 Mbps
•
Auto-flow control in UART mode
•
3.3-V or 5-V operation
•
Available in 64-pin TQFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com