Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 18 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 14Page - Texas Instruments TIR2000 Datasheet HTML 15Page - Texas Instruments TIR2000 Datasheet HTML 16Page - Texas Instruments TIR2000 Datasheet HTML 17Page - Texas Instruments TIR2000 Datasheet HTML 18Page - Texas Instruments TIR2000 Datasheet HTML 19Page - Texas Instruments TIR2000 Datasheet HTML 20Page - Texas Instruments TIR2000 Datasheet HTML 21Page - Texas Instruments TIR2000 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
2–6
1.
Program the interrupt configuration register (ICR) in order to:
•
Select the IRQ channel
•
Select either totem-pole or open-drain output
•
Select an active high or an active low for an interrupt when the totem-pole configuration is
selected.
2.
In the MIR mode, the 48-MHz input clock is automatically divided by 1.5 to generate the 28x MIR
clock. However, a 6 should be written to the PRES register which is used as the base clock for
the status FIFO timeout interrupt.
2.1.2.1
MIR-Data Transmission Mode
The following register programming steps are performed for transmission in the MIR mode:
1.
Program the mode-definition register (MDR) to:
•
Select the MIR mode
•
Enable/disable the low-power mode. The low-power mode is enabled for normal operation.
•
Enable/disable the sleep mode. The sleep mode is disabled for normal operation.
•
Enable/disable the store and controlled transmission. The SCT is disabled for normal
operation.
•
Enable/disable the software control on the 1.6-
µs infrared pulse. The software control is
disabled during normal operation.
•
Select the frame closing method (frame-length method or set–EOT bit method)
2.
Program the PLR to:
•
Select the number of Start Flags. The default value is two.
•
Select the TX FIFO trigger level.
3.
When the frame-length method is selected for frame closing, program the TXFLL and the TXFLH
registers for the frame length.
4.
Reset the TX FIFO:
•
Write the LCR register so that the LCR[7] bit is a 1. The LCR[7] bit must be a 1 in order to write
to the FCR[5] bit.
•
Program the FCR to select 64-/16-bytes of TX FIFO, non-DMA/DMA mode of operation , and
to clear the TX FIFO.
•
Write the LCR register so that the LCR[7] bit is a 0 for normal operation.
5.
Program the IER register to enable only the transmission related interrupts and disable the
remaining interrupts. The TX threshold interrupt and the TX underrun interrupt are enabled.
6.
Write a 1 to the ACREG[7] bit to enable data transmission.
7.
Write a 1 to the MCR[3] bit to enable the selected IRQ channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com