Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 4 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 4 Page - Texas Instruments

  TIR2000 Datasheet HTML 1Page - Texas Instruments TIR2000 Datasheet HTML 2Page - Texas Instruments TIR2000 Datasheet HTML 3Page - Texas Instruments TIR2000 Datasheet HTML 4Page - Texas Instruments TIR2000 Datasheet HTML 5Page - Texas Instruments TIR2000 Datasheet HTML 6Page - Texas Instruments TIR2000 Datasheet HTML 7Page - Texas Instruments TIR2000 Datasheet HTML 8Page - Texas Instruments TIR2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
iv
4.9.2 Low-Power Mode
4–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.10 Configuration Control Register (CCR) – (write only)
4–7
. . . . . . . . . . . . . . . . . . . . . . . .
4.11 Bank 0 Registers
4–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.11.1 Transmit Frame-Length Register Low (TXFLL) – (write only)
4–7
. . . . . . . . . . .
4.11.2 Transmit Frame-Length Register High (TXFLH) – (write only)
4–8
. . . . . . . . . .
4.11.3 Received Frame-Length Register Low(RXFLL) – (write only)
4–8
. . . . . . . . . .
4.11.4 Received Frame-Length Register High (RXFLH) – (write only)
4–8
. . . . . . . . .
4.11.5 Preamble Length Register (PLR) – (write only)
4–8
. . . . . . . . . . . . . . . . . . . . . . .
4.11.6 Auxiliary Control Register (ACREG) – (read and write only)
4–9
. . . . . . . . . . . .
4.11.7 Status FIFO Line Status Register (SFLSR) – (read only)
4–10
. . . . . . . . . . . . .
4.11.8 Status FIFO Register Low (SFREGL) – (read only)
4–10
. . . . . . . . . . . . . . . . . .
4.11.9 Status FIFO Register High (SFREGH) – (read only)
4–10
. . . . . . . . . . . . . . . . .
4.12 Bank 1 Registers
4–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.12.1 TV Configuration Register (TVCFG)
4–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.12.2 TV Demodulation Configuration Register (TVDMCFG)
4–11
. . . . . . . . . . . . . . .
4.12.3 TV Modulation Configuration Register (TVMDCFG)
4–12
. . . . . . . . . . . . . . . . .
4.13 Bank 2 Registers
4–13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.13.1 Prescaler Register (PRESC)
4–13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.13.2 Interrupt Configuration Register (ICR) – (write only)
4–13
. . . . . . . . . . . . . . . . .
4.13.3 DMA Channel Select Register (DCSR) – (write only)
4–14
. . . . . . . . . . . . . . . .
4.14 Bank 3 Registers
4–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.14.1 General Purpose I/O Direction Register (GPIODIR) – (write only)
4–14
. . . . .
4.14.2 General Purpose I/O Data Register (GPIODAT) – (read and write)
4–15
. . . .
4.14.3 General Purpose Function Select Register (GPFSR) – (write only)
4–15
. . . .
4.14.4 Ir Mode Configuration Register 1 (IRCFG) – (read and write)
4–15
. . . . . . . . .
5.
Electrical Characteristics
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
Absolute Maximum Ratings
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.2
Recommended Operating Conditions
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Low voltage (3.3 V nominal)
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Standard voltage (5 V nominal)
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
Timing Requirements
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4
Operating Characteristics
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.5
Switching Characteristics
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.6
Timing Diagrams
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.
Application Information
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
Transceiver Connections
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2
Operating Modes
6–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Appendix A
Mechanical Data
A–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com