Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 20 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 16Page - Texas Instruments TIR2000 Datasheet HTML 17Page - Texas Instruments TIR2000 Datasheet HTML 18Page - Texas Instruments TIR2000 Datasheet HTML 19Page - Texas Instruments TIR2000 Datasheet HTML 20Page - Texas Instruments TIR2000 Datasheet HTML 21Page - Texas Instruments TIR2000 Datasheet HTML 22Page - Texas Instruments TIR2000 Datasheet HTML 23Page - Texas Instruments TIR2000 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
2–8
2.1.3
Slow-Speed Infrared (SIR) Mode (IrDA 1.0)
The SIR mode of operation is similar to the UART mode except that data communication takes place in a
slow-speed half-duplex manner. The method of data transfer is infrared instead of on a wired path. The
modem-control register (MCR) and the Modem Status Register (MSR) are not used.
Data transfer occurs with a baud rate of up to 115.2 Kbps. The format of serial data is similar to the UART
data format. Each data byte starts with a start bit (0), 1 byte of data, and then ends with at least a stop bit
(1). Each serial data bit is encoded before transmission and decoded after being received. A 1 is decoded
with no IR pulse and a 0 is decoded by sending 3/16th of one bit time IR pulse. Similarly, the received serial
pulse is decoded as a 0 and the absence of an IR pulse is decoded as a 1 (see Figure 2–2).
10
1
0
1
3/16
3/16
Transmit Data
IR Output
Figure 2–2. SIR Encoding
The following register programming steps are required to receive or transmit data in SIR mode
transmissions:
1.
Program the ICR register.
2.
Program the prescaler (PRESC) register to ensure the prescaler output is approximately 1.843
MHz. The default PRESC value is used for an input clock frequency of 48-MHz.
3.
Program the auxiliary baud-rate divisor lower byte (ABDL) and the auxiliary baud-rate divisor
higher byte (ABDH) registers to select the desired communication baud rate for the UART mode.
The baud rate is given by:
Baud rate
+
X
IN
PRESC
Divisor
16
(1)
4.
Program the mode definition register (MDR) to:
•
Select the SIR mode
•
Enable/disable the low-power mode. For normal operation, the low-power mode is enabled.
•
Enable/disable the sleep mode.
2.1.3.1
SIR Data Transmission Mode
The following register programming steps are required for data transmission in the SIR mode:
1.
Program the PLR register to select the TX FIFO trigger level.
2.
Reset the TX FIFO and program the FCR register.
3.
Program the IER register to enable only the data transmission interrupts.
•
Enable the TX holding-register-empty interrupt
•
Enable the TX underrun interrupt
•
Disable the RX FIFO over the threshold interrupt
•
Disable the RX FIFO overrun error interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com