Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIR2000 Datasheet(PDF) 34 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 30Page - Texas Instruments TIR2000 Datasheet HTML 31Page - Texas Instruments TIR2000 Datasheet HTML 32Page - Texas Instruments TIR2000 Datasheet HTML 33Page - Texas Instruments TIR2000 Datasheet HTML 34Page - Texas Instruments TIR2000 Datasheet HTML 35Page - Texas Instruments TIR2000 Datasheet HTML 36Page - Texas Instruments TIR2000 Datasheet HTML 37Page - Texas Instruments TIR2000 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
3–4
2
0
Number of stop bits. Bit 2 specifies either 1, 1.5, or 2 stop bits in each transmitted character.
The number of stop bits generated is defined as in the following table. The receiver clocks
only the first stop bit, regardless of the number of stop bits selected.
Bit 2 bit specified word lengths and number of stop bits generated are as follows:
BIT 2
WORD LENGTH SPECIFIED BY
BITS 0 & 1
NUMBER OF STOP BIT
GENERATED
0
Any word length
1
1
5 bits
1.5
1
6 bits
2
1
7 bits
2
1
8 bits
2
3
0
Parity enable bit. When bit 3 is a 1, a parity bit is generated in data transmitted between the
last data word bit and the first stop bit. In the receiver, the parity bit is checked when bit 3
is set. When bit 3 is a 0, no parity is generated or checked.
4
0
Even parity select bit. When bit 3 is set, a logic 1 in bit 4 produces even parity and a logic
0 in bit 4 produces odd parity.
5
0
Stick-parity bit. When bits 3, 4 and 5 are a 1, the parity bit is transmitted and checked as
a logic 0. When bits 3 and 5 are a 1 and bit 4 is a 0, the parity bit is transmitted and checked
as a logic 1. When bit 5 is a 0, stick parity is disabled.
6
0
Break control bit. Bit 6 is set to a 1 to force a break condition; i.e., a condition where the serial
output (SOUT) is forced to spacing (0) state. When bit 6 is set to 0, the break condition is
disabled. Bit 6 only affects the SOUT.
7
0
Divisor-latch-access bit (DLAB). Bit 7 must be set to a 1 to access the divisor latches of the
baud rate generator or bit 5 of the FIFO control register (FCR). Bit 7 must be set to 0 to
access the receiver buffer register, the transmitter holding register, or the interrupt enable
register.
3.7
Modem Control Register (MCR) - (read and write)
Address: 4 (Hex)
Bit Definitions:
BIT NO.
DESCRIPTION
0
Data terminal ready (DTR). Bit 0 controls DTR.
1
Request to send (RTS). Bit 1 controls RTS.
2
Reserved
3
Enable IRQ. When set to a 1, the selected IRQ channel is enabled.
4
Loop back mode enable. When set to 1, bit 4 enables the loop back mode, i.e., it provides a local loop-back
feature for diagnostic testing of the UART.
5
Flow-control enable (AFE).
6
Reserved
7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com