Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 9 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 9 Page - ams AG

Back Button AS3910 Datasheet HTML 5Page - ams AG AS3910 Datasheet HTML 6Page - ams AG AS3910 Datasheet HTML 7Page - ams AG AS3910 Datasheet HTML 8Page - ams AG AS3910 Datasheet HTML 9Page - ams AG AS3910 Datasheet HTML 10Page - ams AG AS3910 Datasheet HTML 11Page - ams AG AS3910 Datasheet HTML 12Page - ams AG AS3910 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
9 - 47
AS3910
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
VDD = 3.3V, Temperature = 25ºC, unless otherwise noted.
Table 5. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IPD
Supply current in Power-down mode
0.3
2
µA
Supply current in Initial NFC target mode
3.5
7
µA
IRD
Supply current in Ready mode
13.56 MHz Xtal used, MCU_CLK
disabled
23
mA
IRA
Supply current Receiver active
13.56 MHz Xtal used,
MCU_CLK disabled
57
mA
ILP
Supply current all active, low power
receiver mode
35
mA
RRFO
RFO1 and RFO2 driver output resistance
IRFO=10mA
All segments ON
1.5
4
Ω
VRFI
RFI input sensitivity
fSUB=848kHz
1
1. Amplitude of carrier signal at RFI inputs is 2.5Vpp, maximum amplitude is 3Vpp.
0.5
mVrms
VRFI_LP
RFI input sensitivity, low power receiver
mode
fSUB=848kHz
1.5
mVrms
RRFI
RFI input resistance
10
k
Ω
VPOR
Power on Reset Voltage
1.0
1.4
<2.4
V
VAGD
AGD voltage
1.4
1.5
1.6
V
VAR
Regulator drop
After execution of direct command
Adjust Regulators
250
mV
TOSU
Oscillator start-up time
13.56MHz or 27.12MHz crystal
RS=50Ω max, load capacitance
according to crystal specification
0.7
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com