Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 36 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 36 Page - ams AG

Back Button AS3910 Datasheet HTML 32Page - ams AG AS3910 Datasheet HTML 33Page - ams AG AS3910 Datasheet HTML 34Page - ams AG AS3910 Datasheet HTML 35Page - ams AG AS3910 Datasheet HTML 36Page - ams AG AS3910 Datasheet HTML 37Page - ams AG AS3910 Datasheet HTML 38Page - ams AG AS3910 Datasheet HTML 39Page - ams AG AS3910 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
36 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Receiver State Display Register
Note:
At power up and after Set Default command, content of this register is set to 0.
01
0
1
2.4
other combinations
2.4
Table 36. Receiver State Display Register
Address # 17: Receiver State Display Register
type: R
Bit
Name
Function
Comments
7rssi_3
MSB
Stores peak value of RSSI
measurement. Automatically cleared
at beginning of transponder message
and with Clear RSSI command.
6rssi_2
5rssi_1
4rssi_0
LSB
3
oscok/rfp
Unlatched osc_ok flag in case nfc=0
Target activation detector output in case nfc=1
2gr_2
gr_2
gr_1
gr_0
Gain reduction
Displays status of receiver gain
reduction (result of AGC, gain
reduction setting and Squelch
command)
1gr_1
0
0
0
0
0gr_0
00
1
3 dB
-
-
-
-
-
-
-
-
1
1
1
21 dB
rssi_3
rssi_2
rssi_1
rssi_0
Signal on RFI1
[mVrms]
0
0
0
0
0 ~ 0.28
0
0
0
1
0.28 ~ 0.35
0
0
1
0
0.35 ~ 0.45
0
0
1
1
0.45 ~ 0.57
0
1
0
0
0.57 ~ 0.74
0
1
0
1
0.74 ~ 0.95
0
1
1
0
0.95 ~ 1.21
0
1
1
1
1.21 ~ 1.56
1
0
0
0
1.56 ~ 2.00
1
0
0
1
2.00 ~ 2.55
1
0
1
0
2.55 ~ 3.27
1
0
1
1
3.27 ~ 4.20
1
1
0
0
4.20 ~ 5.37
1
1
0
1
5.37 ~ 6.88
1
1
1
0
6.88 ~ 8.80
11
1
1
>8.80
Table 35. Definition
reg_3
rege_3
reg_2
rege_2
reg_1
rege_1
reg_0
rege_0
Regulated voltage
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com