Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 44 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 44 Page - ams AG

Back Button AS3910 Datasheet HTML 39Page - ams AG AS3910 Datasheet HTML 40Page - ams AG AS3910 Datasheet HTML 41Page - ams AG AS3910 Datasheet HTML 42Page - ams AG AS3910 Datasheet HTML 43Page - ams AG AS3910 Datasheet HTML 44Page - ams AG AS3910 Datasheet HTML 45Page - ams AG AS3910 Datasheet HTML 46Page - ams AG AS3910 Datasheet HTML 47Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
44 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.18 Active Receive – Use in ISO-14443B Anticollision
Usually the microcontroller does not need information about beginning of the transponder message, it gets an interrupt once reception is finished
or earlier in case the transponder message is longer then the FIFO.
In some cases the information about the fact that the receiver is already processing a message from the transponder is useful. The bit rx_act in
the FIFO Status Register (address 09) provides this information. This bit is set to 1 when start of the transponder message is detected and stays
high until the end of reception.
This information can be used to speed up the ISO-14443B anticollision procedure when more slots are used. In case there is no message in a
certain slot the reader does not have to wait the time message ATQB takes before sending the next Slot-MARKER command, it can send it as
soon as it is clear that there is no answer in that particular slot. The microcontroller can obtain this info by reading the rx_act flag at the time the
receiver should already be processing the ATQB message. In case rx_act flag is set to one the receiver is processing a message and the
microcontroller has to wait for the end of receive interrupt, in opposite case when the rx_act flag is set to zero there is no ATQB message in that
particular slot and the next Slot-MARKER command can be sent immediately.
8.19 ISO-14443B, Reduction of TR0 and TR1 and Suppression of EOF/SOF in PICC Response
The ISO-14443-3 standard, chapter 7.10.3 Coding of Param 1 defines possibility to reduce the TR0 and TR1 and suppress the EOF/SOF in
PICC response.
Note:
The AS3910 Receiver and Framing blocks do not support the reduction of TR0 and TR1 and suppression of EOF/SOF. In case default
settings of these parameters are changed, the framing block will not be able to decode the PICC response.
8.20 Test Pins
Pins TEST and TIO are used to test the AS3910. Pin TEST is a digital pin with pull down, it is used to enter the test mode, pin TIO is used in test
mode as a digital IO, in normal mode it is in tristate. It is recommended to connect pin TEST to VSS and to leave pin TIO open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com