Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 6 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 6 Page - ams AG

Back Button AS3910 Datasheet HTML 2Page - ams AG AS3910 Datasheet HTML 3Page - ams AG AS3910 Datasheet HTML 4Page - ams AG AS3910 Datasheet HTML 5Page - ams AG AS3910 Datasheet HTML 6Page - ams AG AS3910 Datasheet HTML 7Page - ams AG AS3910 Datasheet HTML 8Page - ams AG AS3910 Datasheet HTML 9Page - ams AG AS3910 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
6 - 47
AS3910
Data Sheet - P i n A s s i g n m e n t s
TRIM2_3
14
Analog input
Input to trim antenna resonant circuit
TRIM1_2
15
Analog input
Input to trim antenna resonant circuit
TRIM2_2
16
Analog input
Input to trim antenna resonant circuit
TRIM1_1
17
Analog input
Input to trim antenna resonant circuit
TRIM2_1
18
Analog input
Input to trim antenna resonant circuit
TRIM1_0
19
Analog input
Input to trim antenna resonant circuit
TRIM2_0
20
Analog input
Input to trim antenna resonant circuit
VSS
21
Supply pad
Ground, die substrate potential
RFI1
22
Analog input
Receiver input
RFI2
23
Analog input
Receiver input
AGD
24
Analog Input / Output
Analog reference voltage
AD_IN
25
Analog input
A/D converter input
VSN_A
26
Supply pad
Analog ground
INTR
27
Digital output
Interrupt request output
MCU_CLK
28
Digital output
Micro Controller Clock Output
SDATAO
29
Digital Output / Tristate
Serial Peripheral Interface DATA output
SDATAI
30
Digital input
Serial Peripheral Interface DATA input
SCLK
31
Digital input
Serial Peripheral Interface Clock
SEN
32
Digital input
Serial Peripheral Interface Enable
VSUB
exposed pad
Supply
Die substrate potential, to be connected to VSS on PCB
Table 1. Pin Descriptions
Pin Name
Pin Number
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com