Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 40 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 40 Page - ams AG

Back Button AS3910 Datasheet HTML 36Page - ams AG AS3910 Datasheet HTML 37Page - ams AG AS3910 Datasheet HTML 38Page - ams AG AS3910 Datasheet HTML 39Page - ams AG AS3910 Datasheet HTML 40Page - ams AG AS3910 Datasheet HTML 41Page - ams AG AS3910 Datasheet HTML 42Page - ams AG AS3910 Datasheet HTML 43Page - ams AG AS3910 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
40 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.14 Receiving 4Bit Tag Response Frame
Mifare Ultralight tag uses 4 bit response frame to indicate ACK and NACK. The AS3910 framing expects that response frame is composed of
bytes (except in case of anticollision frame) and it rejects a 4 bit response frame as an error (error due to receive data coding). By setting the bit
1 (frm4l) of register #0B, a 4 bit response frame is correctly processed and put in FIFO (MSB bits of first byte). In case of setting this bit a
standard frame response is not processed correctly.
Response to Mifare Ultralight WRITE command is either ACK or NACK. So in case of this command bit frm4 has to be set to distinguish between
the two possible 4 bit responses.
Response to READ command is either a standard frame, in case command is correctly processed, or a NACK, in case of an error. In this case
the bit frm4 can not be used, interrupt due to receive data coding should be interpreted as a NACK.
8.15 AM Modulation Depth: Definition and Calibration
The AM modulation of the transmitted carrier is used for communication reader to transponder in two configuration cases:
The ISO-14443B mode is configured in the ISO Mode Definition Register (#01)
The Transparent mode with AM modulation [direct command Transparent Mode, the bit 6(am) of the Configuration Register 5 (#05) is set to
1]
In other cases the OOK modulation is used.
The AM modulation depth can be automatically adjusted by setting the Modulation Depth Definition Register (#10) and sending the direct
command Calibrate Modulation Depth. This procedure is patent pending. There is also an alternative possibility where the command Calibrate
Modulation Depth is not used and the modulated level is defined by writing the Antenna driver AM Modulated Level Definition Register (#12).
8.15.1 AM Modulation Depth Definition Using Direct Command Calibrate Modulation Depth
Before sending the direct command Calibrate Modulation Depth the Modulation Depth Definition Register (#10) has to be configured in the
following way:
The bit 7 (am_s) has to be set to 0 to chose definition by the command Calibrate Modulation Depth
The bits 6 to 1 (mod5 to mod0) define target AM modulation depth.
Definition of Modulation Depth Using Bits mod5 to mod0. The RFID standard documents usually define the AM modulation level in
form of the modulation index. The modulation index is defined by formula (a-b)/(a+b) where ‘a’ is amplitude of the non-modulated carrier and ‘b’
is the amplitude of the modulated carrier.
The modulation index specification is different for different standards. The ISO-14443B modulation index is typically 10% with allowed range
from 8% to 14%, range from 10 to 30% is defined in the ISO-15693 and 8% to 30% in the Felica™.
The bits mod5 to mod0 are used to calculate the amplitude of the modulated level. The non-modulated level which was before measured by the
A/D converter and stored in an 8 bit register is divided by a binary number in range from 1 to 1.98. The bits mod5 to mod0 define binary decimals
of this number.
Example:
In case of the modulation index 10% the modulated level amplitude is 1.2222 times lower then the non-modulated level. 1.2222 converted to
binary and truncated to 6 decimals is 1.001110. So in order to define the modulation index 10% the bits mod5 to mod0 have to be set to 001110.
The table below depicts setting of the mod bits for some often used modulation indexes.
Table 37. Setting mod bits for Modulation Indexes
modulation index
[%]
a/b
[dec]
a/b
[bin]
mod5………mod0
8
1,1739
1,001011
001011
10
1,2222
1,001110
001110
14
1,3256
1,010100
010100
20
1,5000
1,100000
100000
30
1,8571
1,110111
110111
33
1,9843
1,111111
111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com