Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 1 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 1 Page - ams AG

  AS3910 Datasheet HTML 1Page - ams AG AS3910 Datasheet HTML 2Page - ams AG AS3910 Datasheet HTML 3Page - ams AG AS3910 Datasheet HTML 4Page - ams AG AS3910 Datasheet HTML 5Page - ams AG AS3910 Datasheet HTML 6Page - ams AG AS3910 Datasheet HTML 7Page - ams AG AS3910 Datasheet HTML 8Page - ams AG AS3910 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
AS3910
13.56 MHz RFID Reader IC, ISO-14443 A/B
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
1 - 47
Data Sheet
1 General Description
The AS3910 is a high performance 13.56MHz HF RFID Reader IC.
With austriamicrosystems’ unique antenna management technology
it is optimized for applications with directly driven antennas.
The AS3910 is unequalled in the domain of HF Reader ICs in that it
contains two differential low impedance (1.5
Ω) antenna drivers.
These drivers are unmatched meaning the IC can deliver up to 8
times the output power of a standard HF Reader IC using the same
power supply voltage.
Additionally using this configuration means half of the power
consumption at the same output power.
The IC has an operating voltage down to 2.4V and a low power
operating mode of 5mA. This means the AS3910 is ideal for portable
or battery powered applications.
For applications where high power is required (EMV) the AS3910
can attain up to 1W. This means there is no need for complex
external booster circuitry.
The component count and complexity of the design is further
reduced through the patented automatic modulation depth
adjustment.
The analog front end (AFE) is complimented by a highly integrated
data framing engine for both ISO-14443 A and B.
This includes data rates up to 848kbits with all framing and
synchronization tasks on board. This enables the customer to build a
complete HF RFID Reader using only a low end micro.
The AS3910 not only supports reader to tag communication, but
sports Peer to Peer communication using the NFCIP-1 active
communication mode with a data rate of 106kbps.
The IC has a SPI, which enables bi-directional communication with
the external microcontroller.
Other standard and custom protocols, such as ISO-15693 can be
implemented via transparent mode.
2 Key Features
Close loop adjustment of ASK modulation for accurate control
of modulation depth in case of ISO-14443B protocol
Antenna trimming system providing correction range of LC
Low power operating mode reduces receiver consumption from
10mA to 5mA
Low power (3.5µA) NFC target mode
Integrated regulators to boost system PSRR
AM/PM demodulator to eliminate communication holes
RSSI measurement
Accurate RF envelope measurement (8 bit A/D)
High output power at 3.3V power supply:
- up to 1W in case regulator is externally shorted
- up to 500mW in case differential output and antenna trimming
is used
- up to 125mW in case of single ended output and antenna
trimming is used
Squelch feature which performs gain reduction to compensate
for noise generated by transponder processing
User selectable and automatic gain control
Transparent mode to implement other standard and custom
protocols (ISO-15693, Felica, ….)
Quartz oscillator capable of operating with 13.56MHz or
27.12MHz crystal with fast start-up
Additional A/D converter input, Serial peripheral interface (SPI)
with 32 byte FIFO
Supply voltage range from 2.4V to 3.6V
Wide temperature range: -40ºC to 85ºC
QFN 32 5x5 package
3 Applications
The AS3910 is ideal for applications where the reader antenna is
directly driven (no 50
Ω cable). It also includes several unique
features, which make it especially suitable for low power and battery
powered applications.


Similar Part No. - AS3910

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3910 AMSCO-AS3910 Datasheet
576Kb / 77P
13.56 MHz RFID Reader IC, ISO-14443 A/B
AS3910-BQFT AMSCO-AS3910-BQFT Datasheet
576Kb / 77P
13.56 MHz RFID Reader IC, ISO-14443 A/B
More results

Similar Description - AS3910

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF1354 ATMEL-AT88RF1354 Datasheet
581Kb / 50P
13.56 MHz Type B RF Reader Specification
AT88RF1354 ATMEL-AT88RF1354_09 Datasheet
726Kb / 48P
13.56 MHz Type B RF Reader Specification
logo
Texas Instruments
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
NXP Semiconductors
MFRC53001T PHILIPS-MFRC53001T Datasheet
828Kb / 116P
ISO/IEC 14443 A Reader IC
Rev. 3.3-6 July 2010
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
13.56 MHz RFID Reader IC, ISO-14443 A/B
logo
NXP Semiconductors
MFRC531 NXP-MFRC531 Datasheet
702Kb / 117P
Standard ISO/IEC 14443 A/B reader solution
Rev. 3.7-30 June 2015
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
OsiSense XG RFID Wand reader - 13.56 MHz
Jan 7, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com