Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 46 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 46 Page - ams AG

Back Button AS3910 Datasheet HTML 39Page - ams AG AS3910 Datasheet HTML 40Page - ams AG AS3910 Datasheet HTML 41Page - ams AG AS3910 Datasheet HTML 42Page - ams AG AS3910 Datasheet HTML 43Page - ams AG AS3910 Datasheet HTML 44Page - ams AG AS3910 Datasheet HTML 45Page - ams AG AS3910 Datasheet HTML 46Page - ams AG AS3910 Datasheet HTML 47Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
46 - 47
AS3910
Data Sheet - R e v i s i o n H i s t o r y
Revision History
Note:
Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
1.0
Dec 01, 2008
Mark
Initial version
2.1
April 08, 2009
Maks
Complete datasheet updated
July 01, 2009
Mauro
Updated ordering information (see Table 38)
2.2
July 15, 2009
Maks
1) Parameter values updated in Table 5 - Electrical Characteristics
2) Updated bits 5,4 in Table 12 and bits 1,0 in Table 21
3) Updated “ANTICOLLISION – refer to page 39” and “Collision Detection –
refer to page 39”
4) Inserted information in “Receiving 4Bit Tag Response Frame – refer to
page 40”
Sep 08, 2009
Mark
Updated General Description (page 1), Ordering Information (page 47)
2.3
Oct 09, 2009
Maks
1) Pin type for pins 7, 9 changed from Supply to Analog I/O
2) Pin VSUB added to Pin Descriptions (page 5)
3) Comments added for parameter ‘Total power dissipation’ in Absolute
Maximum Ratings (page 7)
4) Updated TAMB, ILEAK, RPD, IRA, ILP, VRFI, VRFI_LP, VPOR, VAR, TOSU in
Electrical Characteristics (page 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com