Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 14 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 14 Page - ams AG

Back Button AS3910 Datasheet HTML 10Page - ams AG AS3910 Datasheet HTML 11Page - ams AG AS3910 Datasheet HTML 12Page - ams AG AS3910 Datasheet HTML 13Page - ams AG AS3910 Datasheet HTML 14Page - ams AG AS3910 Datasheet HTML 15Page - ams AG AS3910 Datasheet HTML 16Page - ams AG AS3910 Datasheet HTML 17Page - ams AG AS3910 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
14 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.3.1 Gain Reduction, AGC and Squelch
The total gain of receiver chain is 160. In certain conditions it is desirable to reduce this gain. There are several features implemented in the
Receiver to reduce this gain.
Automatic Gain Reduction (AGC). AGC (automatic gain control) feature is useful in case the transponder is close to the reader. In such
conditions receiver chain is in saturation and demodulation can be influenced by system noise and saturation of last gain stage. When AGC is
switched on receiver gain is reduced so that the input to digitizer stage is not saturated. The AGC system comprises a window comparator which
has its window three times larger then window of digitalization window comparator. When the AGC function is enabled gain is reduced until there
are no transitions on its output. Such procedure assures that the input to digitalization window comparator is less then three times larger than its
window.
AGC operation is controlled by the Receiver Configuration Register (#06) bits agc_en and agc_m. Agc_en bit enables AGC operation, agc_m
defines AGC operating mode. The AGC action is started 20µs after rising edge of signal rx_on. In case agc_m bit is 0 it will operate during a
complete receive period, in case it is 1 it will operate on first 8 subcarrier pulses. The AGC is reducing gain to -21dB in 7 steps of 3dB. When
signal rx_on is low AGC is in reset.
Squelch. This feature is designed to avoid demodulation problems of transponders which produce a lot of noise during data processing which
takes place when the data sent by the reader is being processed and an answer prepared. It can also be used in noisy environment.
Transponder processing noise (or environment noise) may be misinterpreted as start of transponder response which results in reader decoding
error. These problems are avoided by reducing receiver gain so that there are no transitions of output when noise is present. This is done by
sending direct command Squelch.
During execution of the direct command Squelch the digital output of receiver (output of window comparator mentioned above) is observed. In
case there are more then two transitions on this output in 50µs time period, gain is reduced for 3dB and output is observed during next 50µs.
This procedure is repeated until number of transitions in 50µs is lower or equal to 2 or until maximum gain reduction (21dB) is reached. This
setting is cleared with direct command Clear Squelch.
Setting Gain Reduction in Receiver Configuration Register (#06). By setting bits rg2 to rg0 in Receiver Configuration Register (#06)
receiver gain can also be reduced in 7 steps of 3dB.
Actual gain reduction is combination of all three gain reduction features mentioned above (AGC, Squelch and setting gain reduction in Receiver
Configuration Register). Actual gain reduction state can also be observed by reading the Receiver State Display Register (#17) bits gr_2 to gr_0.
8.3.2 RSSI
The receiver also comprises of an RSSI block (Received Signal Strength Indicator) which measures the strength of the modulated signal that is
superimposed on the 13.56MHz carrier. RSSI is a peak hold system which is started 20μs and 16 transitions of demodulated signal after rising
edge of rx_on. It stays active while signal rx_on is high; while rx_on is low it is frozen. Result of RSSI measurements is 4 bit value which can be
observed by reading Receiver State Display Register (#17) bits rssi_3 to rssi_0. The RSSI range calculated back on RFI1 input is 280μVrms to
8.8mVrms, one LSB represents step of 2.15dB.
Since the RSSI measurement is a peak hold then the RSSI result will not follow any variations in the signal strength (the highest value will be
kept). In such a case it is possible to reset RSSI bits of Receiver State Display Register and restart the measurement by sending direct command
Clear RSSI.
8.3.3 AM and PM Demodulation
In addition to usual AM demodulation, the AS3910 also includes the possibility of PM demodulation. Readers which have only AM demodulation
may have so called communication holes in operating volume. Communication holes are areas where transponder is not seen, they depend on
transponder characteristics such as Q factor and resonant frequency variation. Usually both AM and PM modulation are present, in so called
communication holes receiver input signal is only PM modulated. Choice between AM and PM demodulation is done by setting the bit pmd in the
Configuration Register 5 (#05); default setting is AM. As mentioned above an RSSI measurement is continually done while transponder
message is being processed. By comparing RSSI value in AM and PM mode the external controller can opt for the demodulation mode in which
there is more signal. PM demodulation is done by processing phase signal coming from the Phase Detector.
8.4 A/D Converter
The AS3910 contains an 8 bit successive approximation A/D converter. Input to A/D converter can be multiplexed from different sources to be
used in several direct commands and adjustment procedures. The result of last A/D conversion is stored in a register which can be read through
the SPI interface (address #0D). Typical conversion time is 12μs.
The A/D converter has two operating modes, absolute and relative.
In absolute mode the low reference is 0V and the high reference is 2V. This means that A/D converter input range is from 0 to 2V, 00 code means
input is 0V or lower, FF means that input is 2V or higher, LSB is 7.8125mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com