Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 33 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 33 Page - ams AG

Back Button AS3910 Datasheet HTML 29Page - ams AG AS3910 Datasheet HTML 30Page - ams AG AS3910 Datasheet HTML 31Page - ams AG AS3910 Datasheet HTML 32Page - ams AG AS3910 Datasheet HTML 33Page - ams AG AS3910 Datasheet HTML 34Page - ams AG AS3910 Datasheet HTML 35Page - ams AG AS3910 Datasheet HTML 36Page - ams AG AS3910 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
33 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Note:
Default setting is set at power up and after Set Default command.
8.11.7 NFCIP Field Detection Threshold Register
Note:
Default setting is set at power up and after Set Default command.
Table 29. Antenna Driver Non-Modulated Level Definition
Address # 13: Antenna Driver Non-Modulated Level Definition
type: RW
Bit
Name
Def.
Function
Comments
7droff7
0
MSB
Antenna drivers are composed of 8 binary weighted
segments. Setting a bit droff to 1 will disable
corresponding segment during normal non-modulated
operation.
6droff6
0
5droff5
0
4droff4
0
3droff3
0
2droff2
0
1droff1
0
0droff0
0
LSB
Table 30. NFCIP Field Detection Threshold
Address # 14: NFCIP Field Detection Threshold
type: RW
Bit
Name
Def.
Function
Comments
7
trg_l3
Target activation level MSB
Threshold used to detect presence of
interrogator magnetic field. See Table 31 for
threshold definition.
6
trg_l2
5
trg_l1
4
trg_l0
Target activation level LSB
3rfe_t3
Collision avoidance threshold MSB
Threshold used to detect presence of external
field during collision avoidance. See Table 32 for
threshold definition.
2rfe_t2
1rfe_t1
0rfe_t0
Collision avoidance threshold LSB
Table 31. Target Activation Threshold as seen on RFI1 Input
trg_l3
trg_l2
trg_l1
trg_l0
Target activation
threshold voltage
[mVpp on RFI1]
x0
0
0
forbidden (measurement is
deactivated)
00
0
1
590
00
1
0
420
00
1
1
350
10
0
1
350
01
0
0
300
01
0
1
265
10
1
0
265
01
1
0
235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com