Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 23 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 23 Page - ams AG

Back Button AS3910 Datasheet HTML 19Page - ams AG AS3910 Datasheet HTML 20Page - ams AG AS3910 Datasheet HTML 21Page - ams AG AS3910 Datasheet HTML 22Page - ams AG AS3910 Datasheet HTML 23Page - ams AG AS3910 Datasheet HTML 24Page - ams AG AS3910 Datasheet HTML 25Page - ams AG AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
23 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Duration time: 5ms max
This command is accepted in any mode where the oscillator and regulators are running. This command is not accepted in case the external
definition of the regulated voltage is selected in the Regulated Voltage Definition Register (#16, bit reg_s is set to H)
8.10.11 Calibrate Modulation Depth
Starts a patent pending sequence, which activates the transmission, measures the modulation depth and adapts it to comply with the modulation
depth specified in the Modulation Depth Definition Register (#10). When calibration procedure is finished result is displayed in Modulation Depth
Display Register. Please see AM Modulation Depth Definition Using Direct Command Calibrate Modulation Depth (page 40) for details about
setting the AM modulation depth and running this command.
Duration time: 10ms max
This command is accepted in any mode where the oscillator and regulators are running.
8.10.12 Calibrate Antenna
Sending this command starts a patent pending sequence which adjusts the parallel capacitances connected to TRIMx pins so that the antenna
LC is in resonance. See Calibrate Antenna Resonance on page 42 for details.
Duration time: 400μs max
This command is accepted in any mode where the oscillator and regulators are running.
8.10.13 Check Antenna Resonance
This command measures the antenna LC tank resonance to determine whether a calibration is needed. See Check Antenna Resonance on
page 42 for details.
Duration time: 42μs max.
This command is accepted in any mode where the oscillator and regulators are running.
8.10.14 Clear RSSI
The Receiver automatically clears the RSSI bits in the Receiver State Display Register and starts to measure the RSSI when the signal rx_on is
asserted. Since the RSSI bits store peak value (peak-hold type) eventual variation of the receiver input signal will not be followed (this may
happen in case of long message or test procedure). The direct command Clear RSSI clears the RSSI bits in the Receiver State Display Register,
the RSSI measurement is restarted (in case of course rx_on is still high).
8.10.15 Transparent Mode
Enter in the Transparent mode. The Transparent mode is entered on the falling edge of signal SEN and is maintained as long as signal SEN is
kept low. See Transparent Mode on page 43 for details about the Transparent Mode.
This command is only accepted when the Transmitter and Receiver are operating.
8.11 Registers
The 6 bit register addresses below are defined in the hexadecimal notation. The possible address range is from 00(hex) to 3F(hex). A sign #
before a number is used in this document to reference a hexadecimal number.
There are two types of registers implemented in the AS3910: configuration registers and display registers. The configuration registers are used
to configure the AS3910. They can be written and read through the SPI (RW). The display registers are read only (RO); they contain information
about the AS3910 internal state which can be accessed through the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com