Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 29 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 29 Page - ams AG

Back Button AS3910 Datasheet HTML 25Page - ams AG AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG AS3910 Datasheet HTML 29Page - ams AG AS3910 Datasheet HTML 30Page - ams AG AS3910 Datasheet HTML 31Page - ams AG AS3910 Datasheet HTML 32Page - ams AG AS3910 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
29 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Note:
At power up and after direct commands, Set Default and Clear content of this register is set to 0.
Note:
At power up and after direct commands Set Default and Clear content of this register is set to 0.
Note:
Bits frm4 and antcl are cleared after transmission is performed.
Default setting is set at power up and after Set Default command.
1
fifo_ovr
FIFO overflow
0rx_act
Active receive. This bit is set to 1 when start of
transponder message is detected and stays high until
end of receive.
By reading this bit it can be checked whether transponder is
answering. See also Application Notes (Active receive).
Table 20. Collision Register
Address # 0A: Collision Register (for ISO-14443A only)
type: R
Bit
Name
Function
Comments
7c_byte3
Number of full bytes before the bit collision happened
6c_byte2
5c_byte1
4c_byte0
3
c_bit2
Number of bits before the collision in the byte where
the collision happened
2
c_bit1
1
c_bit0
0rfu
Not used, always 0
Table 21. Number of Transmitted Bytes Register 0
Address # 0B: Number of Transmitted Bytes Register 0
type: RW
Bit
Name
Def.
Function
Comments
7ntx1
0
Number of bytes to be transmitted in one command,
LSB bits
Maximum supported number of bytes is 1023
6ntx0
0
5nbtx2
0
Number of bits in the split byte
000 means that all bytes all full
Applicable only to ISO-14443A bit oriented
anticollision frame in case last byte is split byte
4nbtx1
0
3nbtx0
0
2
Not used
1frm4
0
4bit response frame
Has to be set to 1 when 4bit response frame is
expected (Mifare Ultralight)
0
antcl
0
ISO-14443 anticollision frame
Has to be set to 1 when ISO-14443A bit oriented
anticollision frame is sent
Table 19. FIFO Status Register
Address # 09: FIFO Status Register
type: R
Bit
Name
Function
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com