Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 24 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 24 Page - ams AG

Back Button AS3910 Datasheet HTML 20Page - ams AG AS3910 Datasheet HTML 21Page - ams AG AS3910 Datasheet HTML 22Page - ams AG AS3910 Datasheet HTML 23Page - ams AG AS3910 Datasheet HTML 24Page - ams AG AS3910 Datasheet HTML 25Page - ams AG AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
24 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.11.1 Main Registers
Note:
In case nfc=1, then both transmit and receive data rates are set to 106kbps independent of TX and RX setting. Default setting is set at
power up and after Set Default command.
Note:
Receive low power operation sacrifices the input sensitivity for low consumption. If Rx consumption is reduced from 10mA to 5mA, then
a 10mA reader operation is possible. Default setting is set at power up and after Set Default command.
Table 10. ISO Mode Definition Register
Address # 00: ISO Mode Definition Register
type: RW
Bit
Name
Def.
Function
Comments
7nfc
0
1=NFC, 0=ISO-14443
NFC means NFCIP-1,
106 kbps active communication mode
6b_a
0
1=ISO-14443B, 0=ISO-14443A
Applicable in case nfc=0
5tx_rate2
0
tx_rate2
tx_rate1
tx_rate0
bit rate
Selects ISO-14443 data rate for transmit,
Applicable in case nfc=0
4
tx_rate1
0
0
0
0
106kb/s
3tx_rate0
0
0
0
1
212kb/s
0
1
0
424kb/s
0
1
1
848kb/s
1x
x
RFU
2rx_rate2
0
rx_rate2
rx_rate1
rx_rate0
bit rate
Selects ISO-14443 data rate for receive,
Applicable in case nfc=0
1
rx_rate1
0
0
0
0
106kb/s
0rx_rate0
0
0
0
1
212kb/s
0
1
0
424kb/s
0
1
1
848kb/s
1x
x
RFU
Table 11. Operation Control Register
Address # 01: Operation Control Register
type: RW
Bit
Name
Def.
Function
Comments
7en
0
en=1 enables oscillator and regulator (Ready
mode)
Is internally ORed with the EN pin
6rx_en
0
rx_en=1 enables receiver operation
5rx_lp
0
rx_lp=1 low power receiver operation
Receive consumption is reduced
4
tx_en
0
tx_en=1 enables RF output
3nfc_t
0
nfc_t =1 enables Initial NFC Target mode
At the moment RF field is detected, interrupt is
sent.
2
Not used
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com