Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 25 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 25 Page - ams AG

Back Button AS3910 Datasheet HTML 21Page - ams AG AS3910 Datasheet HTML 22Page - ams AG AS3910 Datasheet HTML 23Page - ams AG AS3910 Datasheet HTML 24Page - ams AG AS3910 Datasheet HTML 25Page - ams AG AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG AS3910 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
25 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.11.2 Configuration Registers
Note:
Default setting is set at power up and after Set Default command.
Note:
Default setting is set at power up and after Set Default command.
Table 12. Configuration Register 2
Address # 02: Configuration Register 2
type: RW
Bit
Name
Def.
Function
Comments
7sing
0
1
→ only RFO1 driver will be used
Choose between single and differential driving of
antenna.
6
envi
0
1
→ input applied to RFI1 is envelope
RF envelope input
5
tf2
0
1
→ reduces the gain for 11 dB in first stage
after peak detector
When both bits are set there is 17 dB gain
reduction in first stage
4
tf1
0
1
→ reduces the gain for 6 dB in first stage after
peak detector
3osc
0
0
→ 13.56MHz Xtal, 1 → 27.12MHz Xtal
Selector for crystal oscillator
2
out_cl1
0
out_cl1
out_cl0
out_cl
Selection of clock frequency on MCU_CLK
output. In case of “11”, MCU_CLK output is
permanently low.
1
out_cl0
0
0
0
3.39MHz
0
1
6.78 MHZ
10
13.56 MHZ
1
1
no output
0
Not used
Table 13. Configuration Register 3
Address # 03: Configuration Register 3 (ISO-14443A and NFC)
type: RW
Bit
Name
Def.
Function
Comments
7crc_rx
0
1
→ receive without CRC
For ISO-14443A anticollision.
6
no_par
0
1
→ no byte parity checking
When set to 1 parity bits are still detected
and removed before received data is put
in FIFO, but there is no check for their
correctness
5p_len3
0
p_len3
p_len2
p_len1
p_len0
reduction
Modulation pulse reduction,
Defined in number of 13.56 MHz clock
periods
4
p_len2
0
000
0
0
3
p_len1
0
0
0
0
1
74ns
2p_len0
0
-
-
-
-
-
-
-
-
-
-
1
1
1
1
1106ns
1
Not used
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com