Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 5 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 5 Page - ams AG

  AS3910 Datasheet HTML 1Page - ams AG AS3910 Datasheet HTML 2Page - ams AG AS3910 Datasheet HTML 3Page - ams AG AS3910 Datasheet HTML 4Page - ams AG AS3910 Datasheet HTML 5Page - ams AG AS3910 Datasheet HTML 6Page - ams AG AS3910 Datasheet HTML 7Page - ams AG AS3910 Datasheet HTML 8Page - ams AG AS3910 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
5 - 47
AS3910
Data Sheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Pin Type
Description
TIO
1
Digital bidirectional
Test IO pin
EN
2
Digital input with pull-down
Enable input
TEST
3
Digital input with pull-down
Test input
XTO
4
Analog output
Xtal oscillator output
XTI
5
Analog input
Xtal oscillator input
VSN_D
6
Supply
Digital ground
VSP_A
7
Analog I/O
Analog supply, regulator output
VDD
8
Supply
External positive supply
VSP_RF
9
Analog I/O
Supply, regulator output for antenna drivers
RFO1
10
Analog output
Antenna driver output
RFO2
11
Analog output
Antenna driver output
VSN_RF
12
Supply
Ground of antenna drivers
TRIM1_3
13
Analog input
Input to trim antenna resonant circuit
AS3910
9
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
24
23
22
21
20
19
18
17
AGD
RFI2
RFI1
VSS
TRIM2_0
TRIM1_0
TRIM2_1
TRIM1_1
1
2
3
4
5
6
7
8
TIO
EN
TEST
XTO
XTI
VSN_D
VSP_A
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com