Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 21 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 21 Page - ams AG

Back Button AS3910 Datasheet HTML 17Page - ams AG AS3910 Datasheet HTML 18Page - ams AG AS3910 Datasheet HTML 19Page - ams AG AS3910 Datasheet HTML 20Page - ams AG AS3910 Datasheet HTML 21Page - ams AG AS3910 Datasheet HTML 22Page - ams AG AS3910 Datasheet HTML 23Page - ams AG AS3910 Datasheet HTML 24Page - ams AG AS3910 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
21 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.10.1 Set Default
This direct command puts the AS3910 in the same state as power-up initialization. All registers are initialized to the default state. Please note
that results of different calibration and adjust commands are also lost. This direct command is accepted in all operating modes.
8.10.2 Clear
This direct command stops all current activities (transmission or reception) and clears FIFO. It also clears Collision and Interrupt Registers. This
command has to be sent first in a sequence preparing a transmission (except in case of direct commands Transmit REQA and Transmit WUPA).
8.10.3 Transmit Commands
All Transmit commands (Transmit with CRC, Transmit without CRC, Transmit REQA and Transmit WUPA) are only accepted in case the
Transmitter is enabled (bit tx_en is set).
8.10.4 NFC Transmit Commands
The NFC transmit commands (NFC transmit with Initial RF Collision Avoidance, NFC transmit with Response RF Collision Avoidance, NFC
transmit with Response RF Collision Avoidance with n=0) are used to transmit requests and responses in the NFC mode. Before actual
transmission the RF Collision avoidance with Collision avoidance threshold defined in the NFCIP Field Detection Threshold Register is
performed.
In the command NFC transmit with Response RF Collision Avoidance n is randomly set in a range from 0 to 3, while in the command NFC
transmit with Response RF Collision Avoidance with n=0 it is set to 0. In case collision is detected during the RF Collision Avoidance the
transmission is not done and an interrupt is sent with flag INTR due to NFC event.
The NFC transmit commands switch on and off the transmission block, setting the Operation control bit tx_en in the NFC mode is not allowed.
Timing of the NFC transmit commands is according to the ISO/IEC 18092 standard. For some timings the ISO/IEC 18092 specifies a range.
Actual implementation in the AS3910 is the following:
An interrupt due to end of transmission is sent when RF field is switched off.
All NFC Transmit commands are only authorized in case the ISO mode configuration bit nfc is set and the oscillator and regulators are running.
010100
Squelch
Performs gain reduction based on the current noise level.
010101
Clear Squelch
Resumes gain settings which were in place before sending Squelch command
010110
Adjust regulators
Adjusts supply regulators according to the current supply voltage level
010111
Calibrate modulation depth
Starts sequence which activates the TX, measures the modulation depth and
adapts it to comply with the specified modulation depth
011000
Calibrate antenna
Starts the sequence to adjust parallel capacitances connected to TRIMx pins so
that the antenna LC is in resonance.
011001
Check antenna resonance
Measurement of antenna LC tank resonance to determine whether calibration is
needed.
011010
Clear RSSI
Clears RSSI bits and restarts the measurement
011100
Transparent mode
Enter in Transparent mode
Parameter
Symbol
Value
Unit
Note
Initial delay time
TIDT
302
µs
Initial RF Collision Avoidance
RF waiting time
TRWF
37.76
µs
Initial guard time
TIRFG
5.11
ms
Initial RF Collision Avoidance
Active delay time
TADT
151
µs
Response RF Collision Avoidance
Active guard time
TARFG
84
µs
Response RF Collision Avoidance
Guard time after sending
response or request
TGAS
65
µs
TGAS is the time during which RF field stays switched on
after sending a response or request. This time is not
specified in the ISO/IEC 18092.
Table 9. Direct Commands
Code
Command
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com