Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 32 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 32 Page - ams AG

Back Button AS3910 Datasheet HTML 28Page - ams AG AS3910 Datasheet HTML 29Page - ams AG AS3910 Datasheet HTML 30Page - ams AG AS3910 Datasheet HTML 31Page - ams AG AS3910 Datasheet HTML 32Page - ams AG AS3910 Datasheet HTML 33Page - ams AG AS3910 Datasheet HTML 34Page - ams AG AS3910 Datasheet HTML 35Page - ams AG AS3910 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
32 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.11.6 AM Modulation Depth and Antenna Driver Registers
Note:
Default setting is set at power up and after Set Default command.
Note:
At power up and after Set Default command content of this register is set to 0.
Note:
Default setting is set at power up and after Set Default command.
Table 26. Modulation Depth Definition Register
Address # 10: Modulation Depth Definition Register
type: RW
Bit
Name
Def.
Function
Comments
7am_s
0
0
→ AM modulated level is defined by bits mod5 to mod0.
Level is adjusted automatically by Calibrate Modulation Depth
command
1
→ AM modulated level is defined by bits dram7 to dram0.
6
mod5
0
MSB
See Application Notes for details about AM
modulation level definition.
5
mod4
0
4
mod3
0
3
mod2
0
2
mod1
0
1
mod0
LSB
0
Table 27. Modulation Depth Display Register
Address # 11: Modulation Depth Display Register
type: R
Bit
Name
Function
Comments
7
md_7
MSB
Displays result of Calibrate Modulation Depth command.
Antenna drivers are composed of 8 binary weighted
segments. Bit md_x set to one indicates that this
particular segment will be disabled during AM modulated
state.
6
md_6
5
md_5
4
md_4
3
md_3
2
md_2
1
md_1
0
md_0
LSB
Table 28. Antenna Driver AM Modulated Level Definition
Address # 12: Antenna Driver AM Modulated Level Definition
type: RW
Bit
Name
Def.
Function
Comments
7dram7
0
MSB
Antenna drivers are composed of 8 binary weighted
segments. Setting a bit dram to 1 will disable
corresponding segment during AM modulated state in
case am_s bit is set to 1.
6dram6
0
5dram5
0
4dram4
0
3dram3
0
2dram2
0
1dram1
0
0dram0
0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com