Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 28 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 28 Page - ams AG

Back Button AS3910 Datasheet HTML 24Page - ams AG AS3910 Datasheet HTML 25Page - ams AG AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG AS3910 Datasheet HTML 29Page - ams AG AS3910 Datasheet HTML 30Page - ams AG AS3910 Datasheet HTML 31Page - ams AG AS3910 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
28 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.11.3 Interrupt Register and Associated Registers
Note:
Default setting is set at power up and after Set Default command.
Note:
At power up and after Set Default command, content of this register is set to 0.
After Interrupt register read, its content is set to 0
Table 17. Mask Interrupt Register
Address # 07: Mask Interrupt Register
type: RW
Bit
Name
Def.
Function
Comments
7
M_osc
0
mask INTR when oscillator frequency is stable
6M_nfc
0
mask INTR due to nfc event
5M_wl
0
mask INTR due to FIFO water level
4M_rxs
0
mask INTR due to end of receive
3M_txe
0
mask INTR due to end of transmission
2M_err
0
mask INTR due to error in receive data coding
1M_crc
0
mask INTR due to CRC error
0M_col
0
mask INTR due to bit collision
Table 18. Interrupt Register
Address # 08: Interrupt Register
type: R
Bit
Name
Function
Comments
7
I_osc
INTR when oscillator frequency is stable
Set after enable
6I_nfc
INTR due to nfc event
Set when nfc_t is 1 and en=0 informing that an RF field has
been detected,
Set when transmission could not be done due to detection of
RF field during RF Collision Avoidance
5I_wl
INTR due to FIFO water level
Set during receive, informing that FIFO is almost full and has
to be read out.
Set during transmit, informing that FIFO is almost empty and
that additional data has to be sent.
4I_rxs
INTR due to end of receive
3I_txe
INTR due to end of transmission
2I_err
INTR due to error in receive data coding
This includes parity error and framing error
1I_crc
INTR due to CRC error
0I_col
INTR due to bit collision
Valid only for ISO-14443A
Table 19. FIFO Status Register
Address # 09: FIFO Status Register
type: R
Bit
Name
Function
Comments
7
fifo_b5
Number of bytes (binary coded) in the FIFO which
were not read out
Valid range is from 000000 to 100000
6
fifo_b4
5
fifo_b3
4
fifo_b2
3
fifo_b1
2
fifo_b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com