Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 19 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 19 Page - ams AG

Back Button AS3910 Datasheet HTML 15Page - ams AG AS3910 Datasheet HTML 16Page - ams AG AS3910 Datasheet HTML 17Page - ams AG AS3910 Datasheet HTML 18Page - ams AG AS3910 Datasheet HTML 19Page - ams AG AS3910 Datasheet HTML 20Page - ams AG AS3910 Datasheet HTML 21Page - ams AG AS3910 Datasheet HTML 22Page - ams AG AS3910 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
19 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.9.5 Sending Direct Commands
Direct commands have no arguments, so a single byte is sent. Command mode is entered if the SPI is started with two leading ONE. After the
COMMAND mode code 11 (see Table 9), the six bit command code is sent MSB to the LSB. The command is executed on falling edge of SEN.
During the direct command execution, starting another activity over the SPI interface is not allowed.
Figure 8. Sending Direct Commands
8.9.6 Loading Transmitting Data into FIFO
Loading the transmitting data into the FIFO is similar to writing data into an addressable registers. Difference is that in case of loading more bytes
all bytes go to the FIFO. The command mode code 10 indicates FIFO operations. In case of loading transmitting data into FIFO all bits <C5 –
C0> are set to 0. Then a bit-stream, the data to be sent (1 to 32 bytes), can be transferred. In case the command is terminated by putting SEN
low before a packet of 8 bits composing one byte is sent, writing of that particular byte in FIFO is not performed. Figure 9 shows how to load the
Transmitting Data into the FIFO.
Figure 9. Loading Transmitting Data into FIFO
8.9.7 Reading Received Data from FIFO
Reading received data from the FIFO is similar to reading data from an addressable registers. Difference is that in case of reading more bytes
they all come from the FIFO. The command mode code 10 indicates FIFO operations. In case of reading the received data from the FIFO all bits
<C5 – C0> are set to 1. On the following SCLK rising edges the data from FIFO appears as in case of read data from addressable registers. In
case the command is terminated by putting SEN low before a packet of 8 bits composing one byte is read that particular byte is considered
unread and will be the first one read in next FIFO read operation.
8.9.8 Interrupt Interface
When an interrupt condition is met the source of interrupt bit is set in the Interrupt Register and the INTR pin transitions to high.
The microcontroller then reads the Interrupt Register to distinguish between different interrupt sources. After the Interrupt Register is read its
content is reset to 0 and INTR pin signal transitions to low.
Note:
There may be more then one Interrupt Register bit set in case the microcontroller did not immediately read the Interrupt Register after
the INTR signal was set and another event causing interrupt occurred.
C5
C4
C3
C2
C1
C0
X
1
1
X
SEN falling edge
signals start of
command execution
SCLK
falling edge
Data is sampled
SCLK raising
edge data is
transferred from
µC
Two leading
ONE indicate
COMMAND
Mode
SDATAI
SCLK
SEN
00
00
0
0
1 to 32
bytes
X
0
1
X
SEN falling
edge signals
end of
COMMAND
Mode
Start of
payload
Data
SCLK
falling edge
Data is sampled
SCLK raising
edge data is
transferred from
µC
10 pattern
indicates
FIFO mode
SDATAI
SCLK
SEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com