Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 35 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 35 Page - ams AG

Back Button AS3910 Datasheet HTML 31Page - ams AG AS3910 Datasheet HTML 32Page - ams AG AS3910 Datasheet HTML 33Page - ams AG AS3910 Datasheet HTML 34Page - ams AG AS3910 Datasheet HTML 35Page - ams AG AS3910 Datasheet HTML 36Page - ams AG AS3910 Datasheet HTML 37Page - ams AG AS3910 Datasheet HTML 38Page - ams AG AS3910 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
35 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.11.8 Regulator Registers
Note:
At power up and after Set Default command, regulated voltage is set to maximum 3.4V.
Note:
Default setting is set at power up and after Set Default command.
Table 33. Regulators Display Register
Address # 15: Regulators Display Register
type: R
Bit
Name
Function
Comments
7
reg_3
MSB
This register displays actual regulated voltage when
regulator is operating.
In Power-down mode, its content is forced to 00. See
Table 35 for definition.
6
reg_2
5
reg_1
4
reg_0
LSB
3
Not used
2
1
0
Table 34. Regulated Voltage Definition Register
Address # 16: Regulated Voltage Definition Register
type: RW
Bit
Name
Def.
Function
Comments
7
reg_s
0
0
→ regulated voltages are defined by result of
Adjust regulators command
1
→ regulated voltages are defined by rege_x bits
written in this register
Defines mode of regulator voltage setting
6
rege_3
0
MSB
External definition of regulated voltage.
See Table 35 for definition.
5
rege _2
0
4
rege _1
0
3
rege _0
0
LSB
2
Not used
1
0
Table 35. Definition
reg_3
rege_3
reg_2
rege_2
reg_1
rege_1
reg_0
rege_0
Regulated voltage
[V]
11
1
1
3.4
11
1
0
3.3
11
0
1
3.2
11
0
0
3.1
10
1
1
3.0
10
1
0
2.9
10
0
1
2.8
10
0
0
2.7
01
1
1
2.6
01
1
0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com