Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3910 Datasheet(PDF) 30 Page - ams AG

Part # AS3910
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3910 Datasheet(HTML) 30 Page - ams AG

Back Button AS3910 Datasheet HTML 26Page - ams AG AS3910 Datasheet HTML 27Page - ams AG AS3910 Datasheet HTML 28Page - ams AG AS3910 Datasheet HTML 29Page - ams AG AS3910 Datasheet HTML 30Page - ams AG AS3910 Datasheet HTML 31Page - ams AG AS3910 Datasheet HTML 32Page - ams AG AS3910 Datasheet HTML 33Page - ams AG AS3910 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
www.austriamicrosystems.com/HF_RFID_Reader/AS3910
Revision 2.3
30 - 47
AS3910
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Note:
Default setting is set at power up and after Set Default command
8.11.4 A/D Converter Output Register
Note:
At power up and after Set Default command, content of this register is set to 0.
Table 22. Number of Transmitted Bytes Register 1
Address # 0C: Number of Transmitted Bytes Register 1
type: RW
Bit
Name
Def.
Function
Comments
7ntx9
0
Number of bytes to be transmitted in one command,
MSB bits
Maximum supported number of bytes is 1023
6ntx8
0
5ntx7
0
4ntx6
0
3ntx5
0
2ntx4
0
1ntx3
0
0ntx2
0
Table 23. A/D Output Register
Address # 0D: A/D Output Register
type: R
Bit
Name
Function
Comments
7ad7
Displays results of A/D conversion.
6ad6
5ad5
4ad4
3ad3
2ad2
1ad1
0ad0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com