Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553/PCBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9553/PCBZ
Description  Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9553/PCBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9553/PCBZ Datasheet HTML 23Page - Analog Devices AD9553/PCBZ Datasheet HTML 24Page - Analog Devices AD9553/PCBZ Datasheet HTML 25Page - Analog Devices AD9553/PCBZ Datasheet HTML 26Page - Analog Devices AD9553/PCBZ Datasheet HTML 27Page - Analog Devices AD9553/PCBZ Datasheet HTML 28Page - Analog Devices AD9553/PCBZ Datasheet HTML 29Page - Analog Devices AD9553/PCBZ Datasheet HTML 30Page - Analog Devices AD9553/PCBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AD9553
Rev. 0 | Page 27 of 44
If one chooses fVCO = 3888 MHz, then a possible solution is
R = 1...1,879 (for K = 1/5)
R = 1...3,759 (for K = 2/5)
P0 = 5
R = 2...9,398 (for K = 1)
P1 = 5
R = 3...16,384 (for K = 2)
4.
Relate N, K, and R to the frequency requirements.
N = 3888
R = 125
The two FPFD equations in Step 3 show that fVCO and fREF
relate as
K = 1
FPFD = 1 MHz
6.
If applicable, determine RXO, the XTAL divider value.
R
NK
f
f
REF
VCO
=
The value of RXO depends on the value of fREF, K, and R
from Step 5, as follows:
Note that fREF is a known quantity (125 MHz) and the VCO
frequencies were determined in Step 2 as 3732.48 MHz and
3888 MHz. Based on these values of fREF and fVCO
R
R
NK
=
=
125
3888
or
125
48
.
3732
NK
5.
Determine N, K. and R.
For fVCO = 3888 MHz, an obvious solution is K = 1, R = 125
and N = 3888, which satisfies the constraint on both N and
R and yields FPFD = 1 MHz.
For fVCO = 3732.48 MHz, an obvious solution is N = 373,248,
K = 1 and R = 12,500. This choice, however, violates the con-
straints on both N and R in Step 3.
A simple remedy is to divide both N and R by a common factor.
In this particular case, four is the greatest common factor of N
and R. Dividing by four leads to N = 93,312, K = 1, and R =
3,125 (K = 1), satisfying the constraint on N and R, and yielding
FPFD = 40 kHz. Note that to match the values given in the
Preset Frequencies section, FPFD must be 16 kHz. To accom-
plish this, keep R = 3,125, but choose K = 2/5 (see Table 14).
This changes N to 233,280, which agrees with Table 16. In
summary, if one chooses fVCO = 3732.48 MHz, then the solution
set that matches the tables in the Preset Frequencies section is
P0 = 6
P1 = 4
N = 233,280
R = 3,125
K = 2/5
FPFD = 16 kHz
⎟
⎠
⎞
⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
K
R
f
R
REF
XO
6
10
50
Given that fREF= 125 MHz, the two results from Step 5 lead to
RXO = 3125 (for R = 3125 and K = 2/5)
RXO = 50 (for R = 125 and K = 1)
LOW DROPOUT (LDO) REGULATORS
The AD9553 is powered from a single 3.3 V supply and contains
on-chip LDO regulators for each function to eliminate the need
for external LDOs. To ensure optimal performance, each LDO
output should have a 0.47 μF capacitor connected between its
access pin and ground.
AUTOMATIC POWER-ON RESET
The AD9553 has an internal power-on reset circuit (see Figure 25).
At power-up, an 800 pF capacitor momentarily holds a Logic 0
at the active low input of the reset circuitry. This ensures that the
device is held in a reset state (~250 μs) until the capacitor charges
sufficiently via the 100 kΩ pull-up resistor and 200 kΩ series
resistor. Note that when using a low impedance source to drive
the RESET pin, be sure that the source is either tristate or Logic 0
at power-up. Otherwise, the device may not calibrate properly.
15
RESET
200k
Ω
100k
Ω
800pF
VDD
AD9553
RESET
CIRCUITRY
Figure 25. Power-On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com